Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM2906
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906 Datasheet(HTML) 4 Page - Texas Instruments

  PCM2906 Datasheet HTML 1Page - Texas Instruments PCM2906 Datasheet HTML 2Page - Texas Instruments PCM2906 Datasheet HTML 3Page - Texas Instruments PCM2906 Datasheet HTML 4Page - Texas Instruments PCM2906 Datasheet HTML 5Page - Texas Instruments PCM2906 Datasheet HTML 6Page - Texas Instruments PCM2906 Datasheet HTML 7Page - Texas Instruments PCM2906 Datasheet HTML 8Page - Texas Instruments PCM2906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
PCM2904
PCM2906
SLES042C – JUNE 2002 – REVISED NOVEMBER 2007
All specifications at TA = 25°C, VBUS, = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data (unless otherwise noted)
TEST CONDITIONS
PCM2904DB, PCM2906DB
PARAMETER
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE(1)
VIN = –0.5 dB
(2), V
CCCI = 3.67 V
0.01%
0.02%
THD+N
Total harmonic distortion plus noise
VIN = –0.5 dB
(3)
0.1%
VIN = –60 dB
5%
Dynamic range
A-weighted
81
89
dB
S/N ratio
A-weighted
81
89
dB
Channel separation
80
85
dB
ANALOG INPUT
Input voltage
0.6 VCCCI
Vp-p
Center voltage
0.5 VCCCI
V
Input impedance
30
k
Ω
–3 dB
150
kHz
Antialiasing filter frequency response
fIN = 20 kHz
–0.08
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fs
Hz
Stop band
0.583 fs
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
td
Delay time
17.4/fs
s
LCF frequency response
–3 dB
0.078 fs
MHz
DAC CHARACTERISTICS
Resolution
8, 16
bits
Audio data channel
1, 2
channel
CLOCK FREQUENCY
fs
Sampling frequency
32, 44.1, 48
kHz
DC ACCURACY
Gain mismatch, channel-to-channel
±1
±5
% of FSR
Gain error
±2
±10
% of FSR
Bipolar zero error
±2
% of FSR
DYNAMIC PERFORMANCE(4)
VOUT = 0 dB
0.005%
0.016%
THD+N
Total harmonic distortion plus noise
VOUT = –60 dB
3%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
(1)
fIN = 1 kHz, using the System Two™ audio measurement system by Audio Precision™ in RMS mode with 20-kHz LPF, 400-Hz HPF in
calculation.
(2)
Using external voltage regulator for VCCCI (as shown in Figure 36 and Figure 37, using REG103xA-A)
(3)
Using internal voltage regulator for VCCCI (as shown in Figure 38 and Figure 39)
(4)
fOUT = 1 kHz, using the System Two audio measurement system by Audio Precision in RMS mode with 20-kHz LPF, 400-Hz HPF.
4
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM2904 PCM2906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com