Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS Datasheet(PDF) 3 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 3 Page - Texas Instruments

  PTH04040WAS Datasheet HTML 1Page - Texas Instruments PTH04040WAS Datasheet HTML 2Page - Texas Instruments PTH04040WAS Datasheet HTML 3Page - Texas Instruments PTH04040WAS Datasheet HTML 4Page - Texas Instruments PTH04040WAS Datasheet HTML 5Page - Texas Instruments PTH04040WAS Datasheet HTML 6Page - Texas Instruments PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PTH04040W
www.ti.com
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
TA = 25°C, VI = 5 V, VO = 2.5 V, CI = 1000 µF, CO = 660 µF, and IO = IOmax (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
60°C, 200 LFM airflow
0
60(1)
A
VI
Input voltage range
Over IO range
2.95(2)
5.5
V
VOtol
Set-point voltage tolerance
±2(3)
%VO
ΔRegtemp
Temperature variation
–40°C < TA < 85°C
±0.5
%VO
ΔRegline
Line regulation
Over VI range
±5
mV
ΔRegload
Load regulation
Over IO range
±5
mV
ΔRegtot
Total output variation
Includes set-point, line, load, –40°C
≤ TA ≤ 85°C
±3(3)
%VO
2.95
≤ VI ≤ 4.5 V
(3)
0.8
-
1.65
VO, ADJ
Output adjust range
V
4.5 < VI ≤ 5.5 V
(3)
0.8
-
2.5
RSET = 2.21 kΩ, VO = 2.5 V
93%
RSET = 5.49 kΩ, VO = 1.8 V
90%
VI = 5 V, IO = 45 A
RSET = 8.87 kΩ, VO = 1.5 V
88%
h
Efficiency
RSET = 17.4 kΩ, VO = 1.2 V
86%
RSET = 6.92 kΩ, VO = 1.65 V
92%
VI = 3.3 V, IO = 45 A
RSET = 8.87 kΩ, VO = 1.5 V
91%
RSET = 36.5 kΩ, VO = 1 V
87%
VR
VO ripple (peak-to-peak)
20-MHz bandwidth
All voltages
15
mVPP
IOtrip
Overcurrent threshold
Reset, followed by auto-recovery
90
A
trr
Recovery time
100
µS
1 A/µs load step, 50 to 100%
Transient response
IOmax, CO=660µF
ΔVtr
VO over/undershoot
200
mV
Margin up down adjust
From a given set-point voltage
±5%
%
IILmargin
Margin input current
Pin to GND
–8(4)
µA
IILtrack
Track input current (pin 18)
Pin to GND
–0.11(5)
mA
dV/dt
Track slew rate capability
|VTRACK – VO | ≤ 50 mV and V(TRACK) < VO(nom)
1
V/ms
On-threshold
2.6(6)
UVLO
Undervoltage lockout
Pin 8 open
V
Hysterisis
0.6(6)
Input high voltage (VIH), Referenced to GND
2.5
Open(7)
V
Inhibit control (pin 7)
Input low voltage (VIL), Referenced to GND
–0.2
0.5
Input low current (IIL), Pin to GND
0.5
mA
IIinh
Input standby current
Inhibit (pin 7) to GND
60
mA
f s
Switching frequency
Over VI and IO ranges
675
825
975
kHz
(1)
See SOA curves or consult factory for appropriate derating.
(2)
The nominal input voltage must be at least 2 × VO. Output voltage regulation is specified with an input voltage within ±10% from nominal
3.3 V or 5 V. For example, for VI = 5 V and VO = 2.5 V, the input can vary between 4.5 V and 5.5 V.
(3)
The set-point voltage tolerance is affected by the tolerance of RSET. The stated limit is unconditionally met if RSET has a tolerance of 1%
with 100 ppm/°C or better temperature stability.
(4)
A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(5)
This control pin has an internal pull-up to VI. If it is left open-circuit the module operates when input power is applied. A small,
low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. See the Auto-Track
Application Information section for further guidance.
(6)
These are the default voltages. They may be adjusted using the UVLO Prog control input. See the UVLO Application Information section
for further guidance.
(7)
This control pin has an internal pull-up to VI. If it is left open-circuit the module operates when input power is applied. A small,
low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do not place an external
pull-up on this pin. See the Inhibit Application Information section for further guidance.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com