Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS Datasheet(PDF) 1 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 1 Page - Texas Instruments

  PTH04040WAS Datasheet HTML 1Page - Texas Instruments PTH04040WAS Datasheet HTML 2Page - Texas Instruments PTH04040WAS Datasheet HTML 3Page - Texas Instruments PTH04040WAS Datasheet HTML 4Page - Texas Instruments PTH04040WAS Datasheet HTML 5Page - Texas Instruments PTH04040WAS Datasheet HTML 6Page - Texas Instruments PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
NOMINAL SIZE =
2.05 in x 1.05 in
(52 mm x 26,7 mm)
PTH04040W
www.ti.com
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT
ADJUST POWER MODULE
Check for Samples: PTH04040W
1
FEATURES
APPLICATIONS
•
Advanced Computing and Server Applications
2
•
60-A Output Current
•
3.3-V and 5-V Input Voltage
•
Wide-Output Voltage Adjust (0.8 V to 2.5 V)
•
Efficiencies up to 93%
•
On/Off Inhibit
•
Differential Output Sense
•
Output Overcurrent Protection
(Nonlatching, Auto-Reset)
•
Overtemperature Protection
•
Auto-Track™ Sequencing
•
Start Up Into Output Prebias
•
Margin Up/Down Controls
•
Operating Temperature: –40°C to 85°C
•
Multi-Phase, Switch-Mode Topology
•
Programmable Undervoltage Lockout (UVLO)
•
Safety Agency Approvals:
UL/IEC/CSA-22.2 60950-1
DESCRIPTION
The PTH04040W is a high-performance 60-A rated, nonisolated, power module, which uses the latest
multi-phase switched-mode topology. This provides a small, ready-to-use module, that can power the most
densely populated multiprocessor systems.
The PTH04040W operates over an input voltage range of 2.95 V to 5.5 V, and can be set to any output voltage
over the range, 0.8 V to 2.5 V, using a single external resistor. The combination of a wide input voltage and
wide-output adjust range allows the PTH04040W to be used in many of high-performance applications. These
include advanced computing platforms and servers that utilize either a 3.3-V or 5-V distribution bus.
These modules incorporate a comprehensive list of features. They include an on/off inhibit and margin up/down
controls. A differential remote output voltage sense ensures tight load regulation, and an output overcurrent and
overtemperature shutdown protect against most load faults. A programmable undervoltage lockout allows the
turn-on threshold to be customized.
The PTH04040W incorporates Auto-Track™. Auto-Track is a popular feature of the PTH family that allows the
outputs of multiple modules to track a common voltage during power-up and power-down transitions. This greatly
simplifies the sequencing of voltages for VLSI ICs that operate off multiple power rails.
The double-sided surface mount construction has a low profile and compact footprint. It is available in both
throughhole and surface-mount packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Auto-Track, POLA, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH04040WAS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH04040WAS ARTESYN-PTH04040WAS Datasheet
437Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH04040WAS ARTESYN-PTH04040WAS Datasheet
604Kb / 4P
3.3 / 5.0 Vin Single Output
More results

Similar Description - PTH04040WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com