Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS Datasheet(PDF) 12 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments PTH04040WAS Datasheet HTML 10Page - Texas Instruments PTH04040WAS Datasheet HTML 11Page - Texas Instruments PTH04040WAS Datasheet HTML 12Page - Texas Instruments PTH04040WAS Datasheet HTML 13Page - Texas Instruments PTH04040WAS Datasheet HTML 14Page - Texas Instruments PTH04040WAS Datasheet HTML 15Page - Texas Instruments PTH04040WAS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PTH04040W
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
www.ti.com
Table 3. Output Voltage Set-Point Resistor Values
VOUT
RSET
VOUT
RSET
0.8
Open
1.425
10.3 k
Ω
0.825
318 k
Ω
1.45
9.82 k
Ω
0.85
158 k
Ω
1.475
9.36 k
Ω
0.875
104 k
Ω
1.5
8.94 k
Ω
0.9
77.5 k
Ω
1.55
8.18 k
Ω
0.925
61.5 k
Ω
1.6
7.51 k
Ω
0.95
50.8 k
Ω
1.65
6.92 k
Ω
0.975
43.2 k
Ω
1.7
6.4 k
Ω
1
37.5 k
Ω
1.75
5.93 k
Ω
1.025
33.1 k
Ω
1.8
5.51 k
Ω
1.05
29.5 k
Ω
1.85
5.13 k
Ω
1.075
26.6 k
Ω
1.9
4.78 k
Ω
1.1
24.2 k
Ω
1.95
4.47 k
Ω
1.125
22.1 k
Ω
2
4.18 k
Ω
1.15
20.4 k
Ω
2.05
3.91k
Ω
1.175
18.8 k
Ω
2.1
3.66 k
Ω
1.2
17.5 k
Ω
2.15
3.44 k
Ω
1.225
16.3 k
Ω
2.2
3.22 k
Ω
1.25
15.3 k
Ω
2.25
3.03 k
Ω
1.275
14.4 k
Ω
2.3
2.84 k
Ω
1.3
13.5 k
Ω
2.35
2.67 k
Ω
1.325
12.7 k
Ω
2.4
2.51 k
Ω
1.35
12.1 k
Ω
2.45
2.36 k
Ω
1.375
11.4 k
Ω
2.5
2.22 k
Ω
1.4
10.8 k
Ω
NOTES:
1. A 0.05-W rated resistor can be used. The tolerance should be 1%, with temperature stability of 100 ppm/°C
(or better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins
17 and 16 using dedicated PCB traces.
2. Never connect capacitors from VO Adjust to either GND or VO . Any capacitance added to the VO Adjust pin
affects the stability of the regulator.
12
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com