Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 5 Page - Texas Instruments

  PTH04040WAS Datasheet HTML 1Page - Texas Instruments PTH04040WAS Datasheet HTML 2Page - Texas Instruments PTH04040WAS Datasheet HTML 3Page - Texas Instruments PTH04040WAS Datasheet HTML 4Page - Texas Instruments PTH04040WAS Datasheet HTML 5Page - Texas Instruments PTH04040WAS Datasheet HTML 6Page - Texas Instruments PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PTHXX040W
(Top View)
16
PTH04040W
www.ti.com
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1, 3, 5,
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc
GND
10, 13, 16
reference for the control inputs.
VI
2, 4, 6
The positive input voltage power node to the module, which is referenced to common GND.
VO
9, 12, 15
The regulated positive power output with respect to the GND node.
The Inhibit pin is an open-collector/drain negative logic input that is referenced to GND. Applying a low
level ground signal to this input disables the module’s output and turns off the output voltage. When the
Inhibit(1)
7
Inhibit control is active, the input current drawn by the regulator is significantly reduced. If the Inhibit pin
is left open-circuit, the module produces an output whenever a valid input source is applied. Do not
place an external pull-up on this pin.
A 1%, 0.05-W resistor must be connected between this pin and GND to set the output voltage higher
than the minimum value. The set-point range for the output voltage is from 0.8 V to 2.5 V. The resistor
required for a given output voltage may be calculated from the following formula. If left open circuit, the
VO Adjust
17
module output defaults to its lowest output voltage value. For further information on the adjustment
and/or trimming of the output voltage, see the related Application Information section. Note: The
specification table gives the preferred resistor values for a number of standard output voltages.
The sense inputs allow the regulation circuit to compensate for voltage drop between the module and
+Sense
11
the load. For optimal voltage accuracy, +Sense should be connected to VO. If it is left open, a low-value
internal resistor ensures that the output remains in regulation.
For optimal voltage accuracy, –Sense should be connected to the ground return at the load. If it is left
–Sense
14
open, a low-value internal resistor ensures that the output remains in regulation.
Connecting a resistor from this pin to signal ground allows the on threshold of the input undervoltage
lockout (UVLO) to be adjusted higher than the default value. The hysterisis can also be independently
UVLO Prog
8
reduced by connecting a second resistor from this pin to VI. For further information, see the Application
Information section.
This is an analog control input that allows the output voltage to follow another voltage during power up
and power down sequences. The pin is active from 0 V, up to the nominal set-point voltage. Within this
range, the module output follows the voltage at the Track pin on a volt-for-volt basis. When the control
Track
18
voltage is raised above this range, the module regulates at its nominal output voltage. If unused, this
input should be connected to VI for a faster power up. For further information, see the related
Application Information section.
When this input is asserted to GND, the output voltage is decreased by 5% from the nominal. The input
requires an open-collector (open-drain) interface. It is not TTL compatible. A lower percent change can
Margin Down(1)
20
be accommodated with a series resistor. For further information, see the related Application Information
section.
When this input is asserted to GND, the output voltage is increased by 5%. The input requires an open
Margin Up(1)
19
collector (open-drain) interface. It is not TTL compatible. The percent change can be reduced with a
series resistor. For further information, see the related Application Information section.
(1)
Denotes negative logic: Open = Normal operation; Ground = Function active
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com