Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS Datasheet(PDF) 11 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments PTH04040WAS Datasheet HTML 10Page - Texas Instruments PTH04040WAS Datasheet HTML 11Page - Texas Instruments PTH04040WAS Datasheet HTML 12Page - Texas Instruments PTH04040WAS Datasheet HTML 13Page - Texas Instruments PTH04040WAS Datasheet HTML 14Page - Texas Instruments PTH04040WAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Rset + 10 kW
0.8 V
Vout * 0.8 V
* 2.49 kW
RSET
1%
0.05 W
PTH04040W
12
15
9
10 13
16
11
14
18
VO
VO
CO
+Sense
−Sense
GND
Track
Adjust
17
GND
GND
PTH04040W
www.ti.com
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
ADJUSTING THE OUTPUT VOLTAGE OF THE PTH04040W
The VO Adjust control (pin 17) sets the output voltage of the PTH04040W to a value higher than 0.8 V. The
adjustment range is from 0.8 V to 2.5 V. For an output voltage other than 0.8 V a single external resistor, RSET 1,
must be connected directly between the VO Adjust (pin 17) and the output GND (pin 16)
(2). Table 2 gives the
preferred value of the external resistor for a number of standard voltages, along with the actual output voltage
that this resistance value provides.
For other output voltages, the value of the required resistor is calculated using the following formula, or by
selecting from the range of values given in Table 3. Figure 9 shows the placement of the required resistor.
(1)
Table 2. Preferred Values of Rset for Standard Output Voltages
VOUT (Standard)
(1)
RSET (Preferred Value)
VOUT (Actual)
2.5 V
2.21 k
Ω
2.502 V
2 V
4.12 k
Ω
2.010 V
1.8 V
5.49 k
Ω
1.803 V
1.5 V
8.87 k
Ω
1.504 V
1.2 V
17.4 k
Ω
1.202 V
1 V
36.5 k
Ω
1.005 V
0.8 V
Open
0.8 V
(1)
The nominal input voltage must be at least 2 × VO. Output voltage regulation is specified with an input voltage within ±10% from nominal
3.3 V or 5 V. For example, for VI = 5 V and VO = 2.5 V, the input can vary between 4.5 V and 5.5 V.
Figure 9. VO Adjust Resistor Placement
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com