Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013AEVAL2Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL8013AEVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 4 of 17
Dec 3, 2021
Typical Application
Block Diagram
FIGURE 1. TYPICAL APPLICATION DIAGRAM
L
1.5µH
LX
PGND
VFB
VIN
EN
PG
SYNCH
INPUT
2.8V TO 5.5V
OUTPUT
1.8V
C1
2 x 22µF
ISL8013A
C2
R2
124k
R3
100k
2 x 22µF
VDD
SGND
C3
47pF
R1
100k
FIGURE 2. FUNCTIONAL BLOCK DIAGRAM
LX
+
+
CSA
+
+
OCP
1.4V
0.5V
SKIP
+
+
Slope
COMP
SLOPE
Soft
START
SOFT-
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
VFB
+
0.736V
PG
SYNCH
SHUTDOWN
VIN
PGND
OSCILLATOR
ZERO-CROSS
SENSING
BANDGAP
SCP
+
0.2V
EN
SHUTDOWN
1ms
DELAY
27pF
390k
SGND
3pF
6k
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com