Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013AEVAL2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8013AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 8 of 17
Dec 3, 2021
FIGURE 9. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.2V)
FIGURE 10. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.5V)
FIGURE 11. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 12. VOUT REGULATION vs LOAD (1MHz, VOUT = 2.5V)
FIGURE 13. VOUT REGULATION vs LOAD (1MHz, VOUT = 3.3V)
Typical Operating Performance Unless otherwise noted, operating conditions are: TA = +25°C, VIN = 2.5V to 5.5V, EN = VIN,
SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A. (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PFM
3.3VIN-PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PFM
3.3VIN-PWM
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PFM
3.3VIN-PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
4.5VIN-PFM
4.5VIN-PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com