Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013AEVAL2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL8013AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 7 of 17
Dec 3, 2021
Typical Operating Performance Unless otherwise noted, operating conditions are: TA = +25°C, VIN = 2.5V to 5.5V, EN = VIN,
SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A.
FIGURE 3. EFFICIENCY vs LOAD (1MHz 3.3 VIN PWM)
FIGURE 4. EFFICIENCY vs LOAD (1MHz 3.3 VIN PFM)
FIGURE 5. EFFICIENCY vs LOAD (1MHz 5VIN PWM)
FIGURE 6. EFFICIENCY vs LOAD (1MHz 5VIN PFM)
FIGURE 7. POWER DISSIPATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 8. POWER DISSIPATION WITH NO LOAD vs VIN
(PWM VOUT = 1.8V)
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VOUT-PWM
1.8VOUT-PWM
1.5VOUT-PWM
1.2VOUT-PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
40
50
60
70
80
90
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OUTPUT LOAD (A)
2.5VOUT-PFM
1.8VOUT-PFM
1.5VOUT-PFM
1.2VOUT-PFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VOUT-PWM
1.8VOUT-PWM 1.5VOUT-PWM
1.2VOUT-PWM
3.3VOUT-PWM
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
OUTPUT LOAD (A)
2.5VOUT-PFM
1.8VOUT-PFM
1.5VOUT-PFM
1.2VOUT-PFM
3.3VOUT-PFM
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.00.5
1.01.5
2.02.5
3.0
OUTPUT LOAD (A)
5VIN-PFM
5VIN-PWM
3.3VIN-PFM
3.3VIN-PWM
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com