Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013AEVAL2Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL8013AEVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 5 of 17
Dec 3, 2021
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN, VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V (DC) or 7V (20ms)
EN, SYNCH, PG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN + 0.3V
LX . . . . . . . . . . . . . . . . -1.5V (100ns)/-0.3V (DC) to 6.5V (DC) or 7V (20ms)
VFB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.8V
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V to 5.5V
Load Current Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 3A
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Notes 4, 5)
JA (°C/W)
JC (°C/W)
16 Ld 4x4 QFN Package . . . . . . . . . . . . .
39
3
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with direct attach features. See TB379.
5.
JC, case temperature location is at the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise noted, all parameter limits are established over the recommended operating conditions and
the typical specification are measured at the following conditions unless otherwise noted: TA = -40°C to +85°C, VIN = 3.6V, EN = VDD. Typical values are
at TA = +25°C. Boldface limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNITS
INPUT SUPPLY
VIN Undervoltage Lockout Threshold
VUVLO
Rising, no load
-
2.6
2.8
V
Falling, no load
2.15
2.35
-
V
Quiescent Supply Current
IVIN
SYNCH = GND, no load at the output
-
35
-
µA
SYNCH = GND, no load at the output and no switches
switching
-
30
45
µA
SYNCH = VDD, FS = 1MHz, no load at the output
-
6.5
10
mA
Shut Down Supply Current
ISD
VIN = 5.5V, EN = low
-
0.1
2
µA
OUTPUT REGULATION
Reference Voltage
VREF
0.790
0.8
0.810
V
VFB Bias Current
IVFB
VFB = 0.75V
-
0.1
-
µA
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal 2.8V)
-
0.2
-
%/V
Soft-Start Ramp Time Cycle
-
1
-
ms
OVERCURRENT PROTECTION
Current Limit Blanking Time
tOCON
-
17
-
Clock pulses
Overcurrent and Auto Restart Period
tOCOFF
-
4
-
SS cycle
Switch Current Limit
ILIMIT
(Note 6)
4.0
4.8
5.9
A
Peak Skip Limit
ISKIP
(Note 6)
-
1.2
-
A
COMPENSATION
Error Amplifier Transconductance
-
20
-
µA/V
Trans-Resistance
RT
0.213
0.25
0.287
Ω
LX
P-Channel MOSFET ON-resistance
VIN = 5V, IO = 200mA
-
50
75
mΩ
VIN = 2.8V, IO = 200mA
-
70
100
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com