Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013AEVAL2Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8013AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 10 of 17
Dec 3, 2021
FIGURE 20. MODE TRANSITION DCM TO CCM
FIGURE 21. LOAD TRANSIENT (PWM)
FIGURE 22. LOAD TRANSIENT (PFM)
FIGURE 23. SOFT-START WITH NO LOAD (PWM)
FIGURE 24. SOFT-START AT NO LOAD (PFM)
FIGURE 25. SOFT-START WITH PREBIASED 1V
Typical Operating Performance Unless otherwise noted, operating conditions are: TA = +25°C, VIN = 2.5V to 5.5V, EN = VIN,
SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A. (Continued)
LX 2V/DIV
VOUT RIPPLE 50mV/DIV
IL 1A/DIV
VOUT RIPPLE 50mV/DIV
IL 1A/DIV
LX 2V/DIV
VOUT RIPPLE 50mV/DIV
IL 1A/DIV
EN 5V/DIV
VOUT 0.5V/DIV
IL 1A/DIV
PG 5V/DIV
EN 5V/DIV
VOUT 0.5V/DIV
IL 1A/DIV
PG 5V/DIV
EN 5V/DIV
VOUT 0.5V/DIV
IL 5A/DIV
PG 5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com