Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWP Datasheet(PDF) 14 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 10Page - Texas Instruments THS6012CDWP Datasheet HTML 11Page - Texas Instruments THS6012CDWP Datasheet HTML 12Page - Texas Instruments THS6012CDWP Datasheet HTML 13Page - Texas Instruments THS6012CDWP Datasheet HTML 14Page - Texas Instruments THS6012CDWP Datasheet HTML 15Page - Texas Instruments THS6012CDWP Datasheet HTML 16Page - Texas Instruments THS6012CDWP Datasheet HTML 17Page - Texas Instruments THS6012CDWP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
VO(PP) − Output Voltage − V
−90
−100
2
0
−80
−70
4
−60
−50
1
3
2nd Harmonic
3rd Harmonic
VCC = ± 5 V
Gain = 2
RF = 680 Ω
RL = 25 Ω
f = 1 MHz
DC Input Offset Voltage − V
0.03
0.02
0.01
0
−0.5
−0.1
−0.3
0.1
0.7
0.05
−0.7
0.3
0.5
0.04
VCC = ±15 V
RL = 150 Ω
RF = 1 kΩ
f = 3.58 MHz
Gain = 2
40 IRE Modulation
0.02
0
0.04
0.06
0.08
0.10
Phase
Gain
f − Frequency − Hz
−90
−100
1M
−60
100k
−80
−70
10M
−50
−40
2nd Harmonic
3rd Harmonic
VCC = ± 5 V
Gain = 2
RF = 680 Ω
RL = 25 Ω
VO(PP) = 2V
VO(PP) − Output Voltage − V
−90
−100
10
0
−80
−70
20
−60
−50
5
15
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
Gain = 2
RF = 680 Ω
RL = 25 Ω
f = 1 MHz
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
SINGLE-ENDED HARMONIC DISTORTION
SINGLE-ENDED HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 29.
Figure 30.
SINGLE-ENDED HARMONIC DISTORTION
DIFFERENTIAL GAIN AND PHASE
vs
vs
OUTPUT VOLTAGE
DC INPUT OFFSET VOLTAGE
Figure 31.
Figure 32.
14
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com