Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWP Datasheet(PDF) 26 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 22Page - Texas Instruments THS6012CDWP Datasheet HTML 23Page - Texas Instruments THS6012CDWP Datasheet HTML 24Page - Texas Instruments THS6012CDWP Datasheet HTML 25Page - Texas Instruments THS6012CDWP Datasheet HTML 26Page - Texas Instruments THS6012CDWP Datasheet HTML 27Page - Texas Instruments THS6012CDWP Datasheet HTML 28Page - Texas Instruments THS6012CDWP Datasheet HTML 29Page - Texas Instruments THS6012CDWP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
_
+
6.8
µF
0.1
µF
–15 V
6.8
µF
0.1
µF
15 V
1 k
Ω
1 k
Ω
+
+
VI+
_
+
6.8
µF
0.1
µF
–15 V
6.8
µF
0.1
µF
15 V
1 k
Ω
1 k
Ω
+
+
VI–
+
–
1 k
Ω
0.1
µF
1 k
Ω
2 k
Ω
12.5
Ω
+
–
1 k
Ω
0.1
µF
1 k
Ω
2 k
Ω
1:2
Telephone Line
12.5
Ω
–15 V
15 V
15 V
–15 V
0.01
µF
THS6062
THS6062
VO+
VO–
THS6012
Driver 1
THS6012
Driver 2
100
Ω
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
Figure 47. THS6012 ADSL Application
The ADSL transmit band consists of 255 separate carrier frequencies each with its own modulation and
amplitude level. With such an implementation, it is imperative that signals put onto the telephone line have as low
a distortion as possible. This is because any distortion either interferes directly with other ADSL carrier
frequencies or it creates intermodulation products that interfere with ADSL carrier frequencies.
The THS6012 has been specifically designed for ultra low distortion by careful circuit implementation and by
taking advantage of the superb characteristics of the complementary bipolar process. Driver single-ended
distortion measurements are shown in Figure 28 through Figure 31. It is commonly known that in the differential
driver configuration, the second order harmonics tend to cancel out. Thus, the dominant total harmonic distortion
(THD) will be primarily due to the third order harmonics. For these tests the load was 25
Ω. Additionally,
distortion should be reduced as the feedback resistance drops. This is because the bandwidth of the amplifier
increases, which allows the amplifier to react faster to any nonlinearities in the closed-loop system.
Another significant point is the fact that distortion decreases as the impedance load increases. This is because
the output resistance of the amplifier becomes less significant as compared to the output load resistance.
26
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com