Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWP Datasheet(PDF) 25 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 21Page - Texas Instruments THS6012CDWP Datasheet HTML 22Page - Texas Instruments THS6012CDWP Datasheet HTML 23Page - Texas Instruments THS6012CDWP Datasheet HTML 24Page - Texas Instruments THS6012CDWP Datasheet HTML 25Page - Texas Instruments THS6012CDWP Datasheet HTML 26Page - Texas Instruments THS6012CDWP Datasheet HTML 27Page - Texas Instruments THS6012CDWP Datasheet HTML 28Page - Texas Instruments THS6012CDWP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
5
3
1
0
4
2
6
7
8
9
TJ = 150°C
PCB Size = 3” x 3”
No Air Flow
θJA = 21.5°C/W
2 oz Trace and
Copper Pad
with Solder
θJA = 43.9°C/W
2 oz Trace and Copper Pad
without Solder
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
Figure 46. Maximum Power Dissipation vs Free-Air Temperature
ADSL
The THS6012 was primarily designed as a line driver and line receiver for ADSL (asymmetrical digital subscriber
line). The driver output stage has been sized to provide full ADSL power levels of 20 dBm onto the telephone
lines. Although actual driver output peak voltages and currents vary with each particular ADSL application, the
THS6012 is specified for a minimum full output current of 400 mA at its full output voltage of approximately 12 V.
This performance meets the demanding needs of ADSL at the central office end of the telephone line. A typical
ADSL schematic is shown in Figure 47.
Copyright © 1998–2012, Texas Instruments Incorporated
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com