Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWP Datasheet(PDF) 16 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 12Page - Texas Instruments THS6012CDWP Datasheet HTML 13Page - Texas Instruments THS6012CDWP Datasheet HTML 14Page - Texas Instruments THS6012CDWP Datasheet HTML 15Page - Texas Instruments THS6012CDWP Datasheet HTML 16Page - Texas Instruments THS6012CDWP Datasheet HTML 17Page - Texas Instruments THS6012CDWP Datasheet HTML 18Page - Texas Instruments THS6012CDWP Datasheet HTML 19Page - Texas Instruments THS6012CDWP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
t − Time − ns
2
−2
0
−4
6
4
0
150
100
50
200
250
350
300
400
450 500
8
−6
−8
VCC = ±15 V
Gain = 2
RL = 25 Ω
RF = 1 kΩ
tr/tf= 5 ns
See Figure 3
t − Time − ns
VCC = ±15 V
Gain = 5
RL = 25 Ω
RF = 2 kΩ
tr/tf= 5 ns
See Figure 3
4
−4
0
−8
12
8
0
150
100
50
200
250
350
300
400
450 500
16
−12
−16
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
10-V STEP RESPONSE
20-V STEP RESPONSE
Figure 37.
Figure 38.
16
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com