Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWP Datasheet(PDF) 17 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 13Page - Texas Instruments THS6012CDWP Datasheet HTML 14Page - Texas Instruments THS6012CDWP Datasheet HTML 15Page - Texas Instruments THS6012CDWP Datasheet HTML 16Page - Texas Instruments THS6012CDWP Datasheet HTML 17Page - Texas Instruments THS6012CDWP Datasheet HTML 18Page - Texas Instruments THS6012CDWP Datasheet HTML 19Page - Texas Instruments THS6012CDWP Datasheet HTML 20Page - Texas Instruments THS6012CDWP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
P
D ≅
2 V
CC
I
CC )
V
CC
_ V
O
V
O
R
L
Where:
PD
= Power dissipation for one amplifier
VCC = Split supply voltage
ICC = Supply current for that particular amplifier
VO
= Output voltage of amplifier
RL
= Load resistance
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
APPLICATION INFORMATION
The THS6012 contains two independent operational amplifiers. These amplifiers are current feedback topology
amplifiers made for high-speed operation. They have been specifically designed to deliver the full power
requirements of ADSL and therefore can deliver output currents of at least 400 mA at full output voltage.
The THS6012 is fabricated using Texas Instruments 30-V complementary bipolar process, HVBiCOM. This
process provides excellent isolation and high slew rates that result in the device's excellent crosstalk and
extremely low distortion.
INDEPENDENT POWER SUPPLIES
Each amplifier of the THS6012 has its own power supply pins. This was specifically done to solve a problem that
often occurs when multiple devices in the same package share common power pins. This problem is crosstalk
between the individual devices caused by currents flowing in common connections. Whenever the current
required by one device flows through a common connection shared with another device, this current, in
conjunction with the impedance in the shared line, produces an unwanted voltage on the power supply. Proper
power supply decoupling and good device power supply rejection helps to reduce this unwanted signal. What is
left is crosstalk.
However, with independent power supply pins for each device, the effects of crosstalk through common
impedance in the power supplies is more easily managed. This is because it is much easier to achieve low
common impedance on the PCB with copper etch than it is to achieve low impedance within the package with
either bond wires or metal traces on silicon.
POWER SUPPLY RESTRICTIONS
Although the THS6012 is specified for operation from power supplies of ±5 V to ±15 V (or singled-ended power
supply operation from 10 V to 30 V), and each amplifier has its own power supply pins, several precautions must
be taken to assure proper operation.
1. The power supplies for each amplifier must be the same value. For example, if the driver 1 uses ±±15 volts,
then the driver 2 must also use ±15 volts. Using ±15 volts for one amplifier and ±5 volts for another amplifier
is not allowed.
2. To save power by powering down one of the amplifiers in the package, the following rules must be followed.
–
The amplifier designated driver 1 must always receive power. This is because the internal startup circuitry
uses the power from the driver 1 device.
–
The -VCC pins from both drivers must always be at the same potential.
–
Driver 2 is powered down by simply opening the +VCC connection.
The THS6012 incorporates a standard Class A-B output stage. This means that some of the quiescent current is
directed to the load as the load current increases. So under heavy load conditions, accurate power dissipation
calculations are best achieved through actual measurements. For small loads, however, internal power
dissipation for each amplifier in the THS6012 can be approximated by the following formula:
To find the total THS6012 power dissipation, we simply sum up both amplifier power dissipation results.
Generally, the worst case power dissipation occurs when the output voltage is one-half the VCC voltage. One last
note, which is often overlooked: the feedback resistor (RF) is also a load to the output of the amplifier and should
be taken into account for low value feedback resistors.
Copyright © 1998–2012, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com