Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 3 Page - Texas Instruments

  TLV2556MPWREP Datasheet HTML 1Page - Texas Instruments TLV2556MPWREP Datasheet HTML 2Page - Texas Instruments TLV2556MPWREP Datasheet HTML 3Page - Texas Instruments TLV2556MPWREP Datasheet HTML 4Page - Texas Instruments TLV2556MPWREP Datasheet HTML 5Page - Texas Instruments TLV2556MPWREP Datasheet HTML 6Page - Texas Instruments TLV2556MPWREP Datasheet HTML 7Page - Texas Instruments TLV2556MPWREP Datasheet HTML 8Page - Texas Instruments TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TLV2556-EP
www.ti.com ................................................................................................................................................... SLAS598A – NOVEMBER 2008 – REVISED JULY 2009
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1–9,
AIN0–AIN10
I
Analog input. These 11 analog-signal inputs are internally multiplexed.
11, 12
Chip select. A high-to-low transition on CS resets the internal counters and controls and enables
CS
15
I
DATA OUT, DATA IN, and I/O CLOCK. A low-to-high transition disables DATA IN and I/O CLOCK
within a setup time.
Serial data input. The 4-bit serial data can be used as address selects the desired analog input
channel or test voltage to be converted next, or a command to activate other features. The input
DATA IN
17
I
data is presented with the MSB (D7) first and is shifted in on the first four rising edges of the I/O
CLOCK. After the four address/command bits are read into the command register CMR, I/O
CLOCK clocks the remaining four bits of configuration in.
The 3-state serial output for the A/D conversion result. DATA OUT is in the high-impedance state
when CS is high and active when CS is low. With a valid CS, DATA OUT is removed from the
high-impedance state and is driven to the logic level corresponding to the MSB(most significant
DATA OUT
16
O
bit)/LSB(least significant bit) value of the previous conversion result. The next falling edge of I/O
CLOCK drives DATA OUT to the logic level corresponding to the next MSB/LSB, and the remaining
bits are shifted out in order.
Status output, used to indicate the end of conversion (EOC) or an interrupt (INT) to host processor.
Programmed as INT (interrupt): INT goes from a high to a low logic level after the conversion is
INT/EOC
19
O
complete and the data is ready for transfer. INT is cleared by a rising I/O CLOCK transition.
Programmed as EOC: EOC goes from a high to a low logic level after the falling edge of the last I/O
CLOCK and remains low until the conversion is complete and the data is ready for transfer.
Ground. GND is the ground return terminal for the internal circuitry. Unless otherwise noted, all
GND
10
voltage measurements are with respect to GND.
Input /output clock. I/O CLOCK receives the serial input and performs the following four functions:
1.
It clocks the eight input data bits into the input data register on the first eight rising edges of
I/O CLOCK with the multiplexer address available after the fourth rising edge.
2.
On the fourth falling edge of I/O CLOCK, the analog input voltage on the selected multiplexer
input begins charging the capacitor array and continues to do so until the last falling edge of
I/O CLOCK
18
I
I/O CLOCK.
3.
The remaining 11 bits of the previous conversion data are shifted out on DATA OUT. Data
changes on the falling edge of I/O CLOCK.
4.
Control of the conversion is transferred to the internal state controller on the falling edge of the
last I/O CLOCK.
Positive reference voltage The upper reference voltage value (nominally VCC) is applied to REF+.
The maximum analog input voltage range is determined by the difference between the voltage
REF+
14
I/O
applied to terminals REF+ and REF–.
When the internal reference is used it is capable of driving a 10-k
Ω, 10-pF load.
Negative reference voltage. The lower reference voltage value (nominally ground) is applied to
REF–
13
I/O
REF–. This pin is connected to analog ground (GND of the ADC) when the internal reference is
used.
VCC
20
Positive supply voltage
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com