Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments TLV2556MPWREP Datasheet HTML 10Page - Texas Instruments TLV2556MPWREP Datasheet HTML 11Page - Texas Instruments TLV2556MPWREP Datasheet HTML 12Page - Texas Instruments TLV2556MPWREP Datasheet HTML 13Page - Texas Instruments TLV2556MPWREP Datasheet HTML 14Page - Texas Instruments TLV2556MPWREP Datasheet HTML 15Page - Texas Instruments TLV2556MPWREP Datasheet HTML 16Page - Texas Instruments TLV2556MPWREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
−0.15
−0.1
−0.05
0
−40
25
85
OFFSET ERROR
vs
FREE-AIR-TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V
VREF+ = 2.048 V
VREF− = 0 V
I/O CLOCK = 10 MHz
150 KSPS,
TA = 25°C
0
0.01
0.02
0.03
0.04
0.05
−40
25
85
GAIN ERROR
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V
VREF+ = 2.048 V
VREF− = 0 V
I/O CLOCK = 10 MHz
150 KSPS,
TA = 25°C
−40
25
85
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0.93
0.94
0.95
0.96
0.97
0.98
0.99
VCC = 5.5 V
VREF+ = 4.096 V
VREF− = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
1020
1040
1060
1080
1100
1120
−40
25
85
AUTO POWER DOWN
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF− = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
TLV2556-EP
www.ti.com ................................................................................................................................................... SLAS598A – NOVEMBER 2008 – REVISED JULY 2009
TYPICAL CHARACTERISTICS (continued)
All typical curves are with internal reference unless specified otherwise. See the TLV2553 data sheet (SLAS354) for typical
curves using an external reference.
Figure 11.
Figure 12.
Figure 13.
Figure 14.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com