Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 2Page - Texas Instruments TLV2556MPWREP Datasheet HTML 3Page - Texas Instruments TLV2556MPWREP Datasheet HTML 4Page - Texas Instruments TLV2556MPWREP Datasheet HTML 5Page - Texas Instruments TLV2556MPWREP Datasheet HTML 6Page - Texas Instruments TLV2556MPWREP Datasheet HTML 7Page - Texas Instruments TLV2556MPWREP Datasheet HTML 8Page - Texas Instruments TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments TLV2556MPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
EXTERNAL REFERENCE SPECIFICATIONS
(1)
INTERNAL REFERENCE SPECIFICATIONS
(1)
TLV2556-EP
SLAS598A – NOVEMBER 2008 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VCC = 4.5 V to 5.5 V
–0.1
0
0.1
Reference input voltage, REF–
V
VCC = 2.7 V to 3.6 V
–0.1
0
0.1
VCC = 4.5 V to 5.5 V
2
VCC
Reference input voltage, REF+
V
VCC = 2.7 V to 3.6 V
2
VCC
VCC = 4.5 V to 5.5 V
1.9
VCC
External reference input voltage
V
difference, (REF+) – (REF–)
VCC = 2.7 V to 3.6 V
1.9
VCC
VCC = 4.5 V to 5.5 V
1
External reference supply current
CS = 0 V
mA
VCC = 2.7 V to 3.6 V
0.7
Static
1
M
Ω
VCC = 5 V
During sampling/conversion
9
k
Ω
Reference input impedance
Static
1
M
Ω
VCC = 2.7 V
During sampling/conversion
9
k
Ω
(1)
Add a 0.1-
µF capacitor between REF+ and REF– pins when external reference is used.
(2)
All typical values are at VCC = 5 V, TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
Reference input voltage, REF–
VCC = 2.7 V to 5.5 V, REF– = Analog GND
0
V
VCC = 5.5 V, Internal 4.096-V VREF selected
3.95
4.065
4.25
Internal reference voltage delta, (REF+) – (REF–)
VCC = 5.5 V, Internal 2.048-V VREF selected
1.94
2.019
2.15
V
VCC = 2.7 V, Internal 2.048-V VREF selected
1.94
2.019
2.15
VCC = 5 V
20
Internal reference start up time
With 10-
µF load
ms
VCC = 2.7 V
20
Internal reference temperature coefficient
VCC = 2.7 V to 5.5 V
±50
ppm/°C
(1)
When an internal reference is used, the following conditions are required:
a. Add 0.1-
µF and 10-µF capacitors between REF+ and REF– pins.
b. REF– must be connected to analog GND (the ground pin of the ADC).
(2)
All typical values are at VCC = 5 V, TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com