Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 4Page - Texas Instruments TLV2556MPWREP Datasheet HTML 5Page - Texas Instruments TLV2556MPWREP Datasheet HTML 6Page - Texas Instruments TLV2556MPWREP Datasheet HTML 7Page - Texas Instruments TLV2556MPWREP Datasheet HTML 8Page - Texas Instruments TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments TLV2556MPWREP Datasheet HTML 10Page - Texas Instruments TLV2556MPWREP Datasheet HTML 11Page - Texas Instruments TLV2556MPWREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TIMING CHARACTERISTICS
(1)
TLV2556-EP
SLAS598A – NOVEMBER 2008 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
operating characteristics, VREF+ = 5 V, SCLK frequency = 15 MHz, VCC = 5 V, load = 25 pF, TA= -40°C to 85°C (unless
otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration I/O CLOCK high or low
26.7
100000
ns
tsu1
Setup time DATA IN valid before I/O CLOCK rising edge (see Figure 38)
12
ns
th1
Hold time DATA IN valid after I/O CLOCK rising edge (see Figure 38)
0
ns
tsu2
Setup time CS low before 1st rising I/O CLOCK edge(2) (see Figure 39)
25
ns
th2
Hold time CS pulse duration high time (see Figure 39)
100
ns
th3
Hold time CS low after last I/O CLOCK falling edge (see Figure 39)
0
ns
th4
Hold time DATA OUT valid after I/O CLOCK falling edge (see Figure 40)
2
ns
th5
Hold time CS high after EOC rising edge when CS is toggled (see Figure 43)
0
ns
th6
Hold time CS high after INT falling edge (see Figure 43)
0
ns
Hold time I/O CLOCK low after EOC rising edge or INT falling edge when CS is held
th7
10
ns
low (see Figure 44)
Load = 25 pF
28
Delay time CS falling edge to DATA OUT valid
td1
ns
(MSB or LSB) (see Figure 37)
Load = 10 pF
20
td2
Delay time CS rising edge to DATA OUT high impedance (see Figure 37)
10
ns
td3
Delay time I/O CLOCK falling edge to next DATA OUT bit valid (see Figure 40)
2
20
ns
td4
Delay time last I/O CLOCK falling edge to EOC falling edge (see Figure 41)
55
ns
td5
Delay time last I/O CLOCK falling edge to CS falling edge to abort conversion
1.5
µs
td6
Delay time last I/O CLOCK falling edge to INT falling edge (see Figure 41)
MAX(tconv)
ns
Delay time EOC rising edge or INT falling edge to DATA OUT valid: MSB or LSB first
td7
4
ns
(see Figure 42)
td9
Delay time I/O CLOCK high to INT rising edge when CS is held low (see Figure 44)
1
28
ns
tt1
Transition time I/O CLOCK(2) (see Figure 40)
1
µs
tt2
Transition time DATA OUT (see Figure 40)
5
ns
tt3
Transition time INT/EOC, CL = 7 pF (see Figure 41 and Figure 42)
2.4
ns
tt4
Transition time DATA IN, CS
10
µs
MAX(tconv) +
tcyc
Total cycle time (sample, conversion and delays)(2)
I/O period
µs
(8/12/16 CLKs)
Source impedance = 25
Ω
600
Source impedance = 100
Ω
650
tsample
Channel acquisition time (sample), at 1 k
Ω(2)
ns
Source impedance = 500
Ω
700
Source impedance = 1 k
Ω
1000
(1)
Timing parameters are not production tested.
(2)
I/O CLOCK period = 8x [1/(I/O CLOCK frequency)] or 12x [1/(I/O CLOCK frequency)] or 16x [1/(I/O CLOCK frequency)] depends on I/O
format selected.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com