Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  TLV2556MPWREP Datasheet HTML 1Page - Texas Instruments TLV2556MPWREP Datasheet HTML 2Page - Texas Instruments TLV2556MPWREP Datasheet HTML 3Page - Texas Instruments TLV2556MPWREP Datasheet HTML 4Page - Texas Instruments TLV2556MPWREP Datasheet HTML 5Page - Texas Instruments TLV2556MPWREP Datasheet HTML 6Page - Texas Instruments TLV2556MPWREP Datasheet HTML 7Page - Texas Instruments TLV2556MPWREP Datasheet HTML 8Page - Texas Instruments TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
GND
VCC
INT/EOC
I/O CLOCK
DATA IN
DATA OUT
CS
REF +
REF −
AIN10
AIN9
(TOP VIEW)
PW AND DW PACKAGE
DESCRIPTION
SUPPORTS DEFENSE, AEROSPACE,
APPLICATIONS
TLV2556-EP
www.ti.com ................................................................................................................................................... SLAS598A – NOVEMBER 2008 – REVISED JULY 2009
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER
WITH INTERNAL REFERENCE
• 12-Bit-Resolution Analog-to-Digital Converter
(ADC)
• Up to 200-KSPS (150-KSPS for 3 V)
Throughput Bit With 12-Output Mode Over
Operating Temperature Range
• 11 Analog Input Channels
• 3 Built-In Self-Test Modes
• Programmable Reference (2.048 V/4.096 V
Internal or External)
• Inherent Sample and Hold Function
• Linearity Error...±1 LSB Max
• On-Chip Conversion Clock
• Programmable Conversion Status Output: INT
or EOC
The
TLV2556
is
a
12-bit,
switched-capacitor,
• Unipolar or Bipolar Output Operation
successive-approximation, analog-to-digital converter
• Programmable MSB or LSB First
(ADC). The ADC has three control inputs [chip select
• Programmable Power Down
(CS), the input-output clock, and the address/control
input (DATAIN)], designed for communication with the
• Programmable Output Data Length
serial port of a host processor or peripheral through a
• SPI Compatible Serial Interface With I/O Clock
serial 3-state output.
Frequencies up to 15 MHz (CPOL = 0,
In addition to the high-speed converter and versatile
CPHA = 0)
control
capability,
the
device
has
an
on-chip
14-channel multiplexer that can select any one of 11
inputs or any one of three internal self-test voltages
AND MEDICAL APPLICATIONS
using configuration register 1. The sample-and-hold
• Controlled Baseline
function is automatic. At the end of conversion, when
• One Assembly/Test Site
programmed as EOC, the pin 19 output goes high to
indicate that conversion is complete. If pin 19 is
• One Fabrication Site
programmed as INT, the signal goes low when the
• Available in Military (–55°C/125°C)
conversion is complete. The converter incorporated in
Temperature Range(1)
the
device
features
differential,
high-impedance
• Extended Product Life Cycle
reference inputs that facilitate ratiometric conversion,
• Extended Product-Change Notification
scaling, and isolation of analog circuitry from logic
and supply noise. A switched-capacitor design allows
• Product Traceability
low-error
conversion
over
the
full
operating
temperature range. An internal reference is available
and
its
voltage
level
is
programmable
via
• Industrial Process Control
configuration register 2 (CFGR2).
• Portable Data Logging
• Battery Powered Instruments
• Automotive
(1)
Additional temperature ranges are available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV2556MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556MPWREP TI-TLV2556MPWREP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
TLV2556MPWREPG4 TI-TLV2556MPWREPG4 Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com