Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L496QGI3 Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32L496QGI3
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496QGI3 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32L496QGI3 Datasheet HTML 139Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 140Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 141Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 142Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 143Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 144Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 145Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 146Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 262 page
background image
DocID029173 Rev 1
143/262
STM32L496xx
Electrical characteristics
235
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 50. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 19:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 50. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 50. Peripheral current consumption
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit
AHB
Bus Matrix(1)
4.44
3.75
4.00
µA/MHz
ADC independent clock domain
0.40
0.08
0.30
ADC AHB clock domain
5.55
4.63
5.00
CRC
0.48
0.42
0.50
DMA1
2.00
1.60
2.00
DMA2
1.76
1.50
1.50
DMA2D
24.33
20.21
24.50
FLASH
8.50
7.10
8.00
FMC
7.58
6.29
7.00
GPIOA(2)
1.59
1.25
1.50
GPIOB(2)
1.56
1.25
1.50
GPIOC(2)
1.58
1.29
1.50
GPIOD(2)
1.40
1.17
1.40
GPIOE(2)
1.36
1.13
1.40
GPIOF(2)
1.70
1.40
1.50
GPIOG(2)
1.80
1.50
1.80
GPIOH(2)
1.50
1.30
1.50
GPIOI(2)
1.18
0.96
1.00
DCMI
1.6
1.3
1.2
OTG_FS independent clock domain
23.20
NA
NA
OTG_FS AHB clock domain
14.30
NA
NA
QUADSPI
6.84
5.67
6.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com