Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L496QGI3 Datasheet(PDF) 208 Page - STMicroelectronics

Part # STM32L496QGI3
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496QGI3 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STM32L496QGI3 Datasheet HTML 204Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 205Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 206Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 207Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 208Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 209Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 210Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 211Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 262 page
background image
Electrical characteristics
STM32L496xx
208/262
DocID029173 Rev 1
Table 97. QUADSPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
Quad SPI clock
frequency
1.71 V < VDD < 3.6 V,
CLOAD = 20 pF
Voltage Range 1
--
40
MHz
2 V < VDD < 3.6 V,
CLOAD = 20 pF
Voltage Range 1
--
48
1.71 V < VDD < 3.6 V,
CLOAD = 15 pF
Voltage Range 1
--
48
1.71 V < VDD < 3.6 V
CLOAD = 20 pF
Voltage Range 2
--
26
tw(CKH)
Quad SPI clock high
and low time
fAHBCLK = 48 MHz, presc= 1
t(CK)/2
-
t(CK)/2+1
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2
tsf(IN);tsr(IN)
Data input setup time
Voltage Range 1 and 2
3.5
-
-
thf(IN); thr(IN) Data input hold time
6.5
-
-
tvr(OUT)
Data output valid time
on rise edge
Voltage Range 1
DHHC = 0
-
4.5
5.5
DHHC = 1
t(CK)/2+1 t(CK)/2+1.5
Voltage Range 2
9.5
14
tvf(OUT)
Data output valid time
on falling edge
Voltage Range 1
DHHC = 0
-
56
DHHC = 1
t(CK)/2+1 t(CK)/2+1.5
Voltage Range 2
15
18
thr(OUT)
Data output hold time
on rise edge
Voltage Range 1
DHHC = 0
4
-
-
DHHC = 1 t(CK)/2+0.5
-
-
Voltage Range 2
8
-
-
thf(OUT)
Data output hold time
on falling edge
Voltage Range 1
DHHC = 0
3.5
-
-
DHHC = 1 t(CK)/2+0.5
-
-
Voltage Range 2
13
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com