Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGNOVA Datasheet(PDF) 3 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 3 Page - Batronix GmbH & Co. KG

  MAGNOVA Datasheet HTML 1Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 2Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 3Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
33 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Magnova Specifications
Model Overview
Magnova model
BMO100
BMO200
BMO350
Analog channel bandwidth (-3 dB)
≥ 100 MHz
≥ 200 MHz
≥ 350 MHz
Analog channel rise / fall time (calc.)
(10 % to 90 % at 50 Ω)
≤ 3.5 ns
≤ 1.75 ns
≤ 1 ns
Vertical System - Analog Channels
Analog channels
4
Vertical resolution
12-bit ADC resolution
16-bit system architecture: The signals are always processed
and stored with 16 bits after being recorded by the 12-bit ADC.
Interpolation, software filters, average and high resolution
oversampling are used to utilise the high resolution.
Input impedance
50 Ω ±1 %, 1 MΩ ±1 % parallel to 19 pF ± 2 pF
Input coupling
DC, AC, GND
Bandwidth limit filters
20 MHz, 50 MHz, 100 MHz, 200 MHz
Maximum input voltage
At 50 Ω: 5 Vrms, 30 Vpk
At 1 MΩ: 300 Vrms, 400 Vpk, CAT I
derates at 20 dB/decade from 200 kHz to 2 MHz; derates at 6
dB/decade from 2 MHz to 400 MHz, > 400 MHz max. 5 Vrms
With Testec TT-HX 312 (10:1 setting): 400 Vrms, CAT II
With Testec TT-HF 612RA: 400 Vrms, CAT II
Please refer to the Testec datasheets for derating and details.
Vertical scale with 1:1 probe
(8 divisions / screen)
200 µV/div - 6 V/div
1.6 mV/screen - 48 V/screen
DC gain accuracy
Typical ±0.5 % at > 5 mV/div
Maximum ±1.0 % at > 5 mV/div
Maximum ±1.5 % at ≥ 0.5 mV/div up to ≤ 5 mV/div
Offset range
±70 V at > 200 mV/div; ±2 V at ≤ 200 mV/div
With automatic early attenuation (reduced accuracy):
±70 V at > 35 mV/div
Offset accuracy
± (0.5 % of offset value + 0.05 div vertical scale + 0.5 mV)
After warming up and after self-calibration.
Channel-to-channel isolation
(channels with same vertical scale)
≥ 70 dB (3162:1) up to 200 MHz
≥ 60 dB (1000:1) above 200 MHz
Probe attenuation factor
List of standard factors and custom values from 1:1,000,000 up
to 1,000,000:1
All specifications apply under the following conditions:
• The oscilloscope has been operated continuously for at least 30 minutes within the specified ambient
temperature range.
• The internal self-calibration routine was completed after the oscilloscope had warmed up.
• The recommended calibration interval has been observed.
• The ambient conditions correspond to the specified limit values.
Specifications labelled as ‘typical’ are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com