Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGNOVA Datasheet(PDF) 5 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 5 Page - Batronix GmbH & Co. KG

  MAGNOVA Datasheet HTML 1Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 2Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 3Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
55 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Vertical System - Digital Channels
Digital channels
8 with one optional logic probe
16 with two optional logic probes
Input impedance
100 kΩ ±1 % parallel to 5 pF ±1 pF
Threshold range
±9 V in 5 mV steps
Predefined and custom logic levels supported
Individually adjustable for each digital probe (8 digital channels)
Threshold accuracy
±(80 mV + 2.5 % of threshold setting)
Maximum input voltage
±40 Vpk CAT I
Minimum input voltage swing
250 mVpp
Maximum input frequency
200 MHz at input voltage swing ≥ 300 mVpp
300 MHz at input voltage swing ≥ 800 mVpp
Horizontal System
Time scale range
(12 divisions / screen)
In normal mode:
200 ps/div - 500 ks/div
2400 ps/screen - 6000 ks/screen
In roll mode:
50 ms/div - 500 ks/div
600 ms/screen - 6000 ks/screen (> 69 days)
Time scale resolution
Fine steps: freely definable in 1 ps/div resolution
Coarse steps: 1-2-5
Time base accuracy
(at full temperature range)
±2.0 ppm initial
±3.0 ppm after one year aging
Trigger time offset range
Before trigger: ≥1/2 screen
After trigger: 3000 ks (> 34 days)
Channel to channel skew
< 100 ps between channels with same channel settings (vertical
scale, impedance, filter, deskew)
Deskew range
0 - 511 ns (analog and digital channels)
Deskew resolution equals to sample time
Analog bandwidth
(by model or filter)
20 MHz
≥ 100 MHz
≥ 200 MHz
≥ 350 MHz
100 mV/div
193 µVrms
418 µVrms
517 µVrms
573 µVrms
200 mV/div
357 µVrms
735 µVrms
902 µVrms
994 µVrms
500 mV/div
1.02 mVrms
2.20 mVrms
2.69 mVrms
2.97 mVrms
1 V/div
1.85 mVrms
3.69 mVrms
4.51 mVrms
4.96 mVrms
2 V/div
4.14 mVrms
9.99 mVrms
12.4 mVrms
13.9 mVrms
5 V/div
9.06 mVrms
19.0 mVrms
23.3 mVrms
25.7 mVrms
6 V/div
10.5 mVrms
21.9 mVrms
26.8 mVrms
29.6 mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com