Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGNOVA Datasheet(PDF) 9 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 9 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 11Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 12Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 13Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
99 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
History (Segmented Memory)
Number of waveforms in history memory Up to 3.8 million waveforms (segments)
History data
Analog channels CH1-CH4
Digital channels D0-D15
The waveforms are displayed including math channels, FFT,
peak tables, bus decoding, cursors, zoom and measurements.
History player
Replay of recorded waveforms forward and backward in 5
speed levels.
Measurements
Vertical automatic measurements
Vamp, Vtop, Vbase,
Vpp, Vmax, Vmin,
Vavg, Vrms, Vmid,
Vupper, Vlower,
Std. Dev.,
+Preshoot, -Preshoot, +Overshoot, -Overshoot,
+Area, -Area, |Area|, Area,
+Per. Area, -Per. Area, |Per. Area|, Per. Area
Horizontal automatic measurements
Freq, Period,
Trise, Tfall,
+Width, -Width,
+Duty, -Duty,
+Edge#, -Edge#,
+Pulse#, -Pulse#,
++Delay, +-Delay, -+Delay, --Delay,
++Phase, +-Phase, -+Phase, --Phase
Number of displayed measurements
Up to 8 simultaneously displayed measurements
Measurement source
Analog channels CH1-CH4
Digital channels D0-D15
Measurement gate area
Complete screen width or adjustable gate
Measurements based on
Complete sampling memory in selected area
Annotations
Live display of the measured values in the signal curves.
Statistics
Maximum, minimum, average and standard deviation
Measurement count for each measurement
Measurement average
Running average or fixed average over 1 to 4096 measurements
Trend charts
Up to 4 trend charts, each with selectable current, average,
minimum and/or maximum value.
Trend chart time base
(12 divisions / screen)
1 ms/div up to 100 ks/div
12 ms/screen up to 1,200 ks/screen
Automatic or manual setting
Trend vertical offset and scale
Full range of possible measured values
Automatic or manual setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com