Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGNOVA Datasheet(PDF) 6 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 6 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 2Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 3Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
66 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Acquisition
Sampling rate
(ADC and digital channels)
1.6 GSa/s if
• only channel 1 and/or 2 are active
• only channel 1 or 2 and one digital probe are active
• only one or two digital probes are active
• only channel 1 and/or 2 are active plus one or two digital
probes are active and time scale is ≤ 20 ns/div
1.0 GSa/s if
• Channel 3 and/or 4 are active
• The number of analog channels plus digital probes is 3 or
more and time scale is > 20 ns/div.
Interpolated sampling rate
819.2 GSa/s at 1.6 GSa/s sampling rate
512 GSa/s at 1.0 GSa/s sampling rate
Total memory
981.6 Mpts at 16 bits per sample
The exact amount of usable memory depends on the memory
depth per recording. For example, up to 98 segments can be
stored at 10 Mpts per recording.
Memory limit per recording and channel
The memory per recording is limited to 327.2 Mpts. It is divided
by the number of active analog channels and digital probes:
1 analog channel or digital probe: 327.2 Mpts
2 analog channels / digital probes: 163.6 Mpts per channel
3-4 analog channels / digital probes: 81.8 Mpts per channel
≥ 5 analog channels / digital probes: 40.9 Mpts per channel
Waveform acquisition rate
≥ 300,000 wfms/s in normal mode
≥ 12,000,000 wfms/s in history mode
(time scale 1 ns/div, 100 MHz signal frequency)
Trigger rearm time
< 70 ns
Acquisition modes
Sample: First sample in decimation interval
Peak detect: Maximum and minimum samples in decimation
interval
Average: Average value of the samples in the decimation
interval
Average number range
Up to 3.8 million (freely adjustable)
Average vertical resolution
Calculated with 32 bit resolution
High Resolution
Up to 16 bit, details on following page
Zoom
Horizontal zoom
Zoom factor 1 up to 100,000
Coarse 1-2-5 steps
Fine steps freely definable
Vertical zoom
Zoom factor 1 up to 100
Coarse 1-2-5 steps
Fine steps freely definable
Visible in zoom
Analog channels CH1-CH4
Digital channels D0-D15
References R1-R8
Math channels M1-M4
Decoder B1-B4
Cursor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com