Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C45MDREP Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC28C45MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C45MDREP Datasheet(HTML) 3 Page - Texas Instruments

  UCC28C45MDREP Datasheet HTML 1Page - Texas Instruments UCC28C45MDREP Datasheet HTML 2Page - Texas Instruments UCC28C45MDREP Datasheet HTML 3Page - Texas Instruments UCC28C45MDREP Datasheet HTML 4Page - Texas Instruments UCC28C45MDREP Datasheet HTML 5Page - Texas Instruments UCC28C45MDREP Datasheet HTML 6Page - Texas Instruments UCC28C45MDREP Datasheet HTML 7Page - Texas Instruments UCC28C45MDREP Datasheet HTML 8Page - Texas Instruments UCC28C45MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
Absolute Maximum Ratings
(1) (2)
Dissipation Ratings
Recommended Operating Conditions
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
20
V
Supply voltage
Max ICC
30
mA
Output current, IOUT peak
±1
A
Output energy, capacitive load
5
µJ
COMP, CS, FB
–0.3
6.3
OUT
–0.3
20
Voltage rating
V
RT/CT
–0.3
6.3
VREF
7
Error amplifier output sink current
10
mA
TJ
Operating junction temperature range(3)
–55
150
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground. Currents are positive into and negative out of the specified terminals.
(3)
Long-term high temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information about enhanced plastic packaging.
θ
ja
TA < 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
(
°C/W)
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
176
710 mW
5.68 mW/
°C
454 mW
369 mW
142 mW
MIN
MAX
UNIT
VDD
Input voltage
18
V
VOUT
Output voltage range
18
V
IOUT(1)
Average output current
200
mA
IOUT(ref)(1)
Reference output current
–20
mA
TJ(1)
Operating junction temperature
–55
150
°C
(1)
It is not recommended that the device operate under conditions beyond those specified in this table for extended periods of time.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com