Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C45MDREP Datasheet(PDF) 12 Page - Texas Instruments

Part # UCC28C45MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C45MDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCC28C45MDREP Datasheet HTML 8Page - Texas Instruments UCC28C45MDREP Datasheet HTML 9Page - Texas Instruments UCC28C45MDREP Datasheet HTML 10Page - Texas Instruments UCC28C45MDREP Datasheet HTML 11Page - Texas Instruments UCC28C45MDREP Datasheet HTML 12Page - Texas Instruments UCC28C45MDREP Datasheet HTML 13Page - Texas Instruments UCC28C45MDREP Datasheet HTML 14Page - Texas Instruments UCC28C45MDREP Datasheet HTML 15Page - Texas Instruments UCC28C45MDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
TJ − Temperature − °C
9.0
9.5
8.0
7.5
7.0
8.5
−50
−25
0
25
50
75
100
125
OSCILLATOR DISCHARGE CURRENT
vs
TEMPERATURE
1 k
10 k
100 k
1 k
10 k
100 k
1 M
10 M
OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE AND CAPACITANCE
CT = 220 pF
CT = 4.7 nF
CT = 2.2 nF
CT = 1 nF
CT = 470 pF
RT − Timing Resistance − W
f − Frequency − Hz
ERROR AMPLIFIER
FREQUENCY RESPONSE
1
10
100
10 k
100 k
1 M
10 M
1 k
10
0
20
200
180
140
120
80
40
0
60
100
160
20
30
40
50
60
70
80
90
100
GAIN
PHASE
MARGIN
COMP to CS OFFSET VOLTAGE (with CS = 0)
vs
TEMPERATURE
TJ − Temperature − °C
0.2
1.8
1.4
1.2
0.8
0.4
0.0
0.6
1.0
1.6
−50
−25
0
25
50
75
100
125
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
Figure 6.
Figure 7.
Figure 8.
Figure 9.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com