Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C45MDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28C45MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C45MDREP Datasheet(HTML) 1 Page - Texas Instruments

  UCC28C45MDREP Datasheet HTML 1Page - Texas Instruments UCC28C45MDREP Datasheet HTML 2Page - Texas Instruments UCC28C45MDREP Datasheet HTML 3Page - Texas Instruments UCC28C45MDREP Datasheet HTML 4Page - Texas Instruments UCC28C45MDREP Datasheet HTML 5Page - Texas Instruments UCC28C45MDREP Datasheet HTML 6Page - Texas Instruments UCC28C45MDREP Datasheet HTML 7Page - Texas Instruments UCC28C45MDREP Datasheet HTML 8Page - Texas Instruments UCC28C45MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
• Low Operating Current of 2.3 mA at 52 kHz
• Controlled Baseline
• Fast 35 ns Cycle-by-Cycle Overcurrent
Limiting
–
One Assembly/Test Site, One Fabrication
Site
• ±1 A Peak Output Current
–
Extended Temperature Performance of
• Rail-to-Rail Output Swings With 25 ns Rise
–55
°C to 125°C
and 20 ns Fall Times
• Enhanced Diminishing Manufacturing Sources
• ±1% Initial Trimmed 2.5 V Error Amplifier
(DMS) Support
Reference
• Enhanced Product-Change Notification
• Trimmed Oscillator Discharge Current
• Qualification Pedigree (1)
• New Undervoltage Lockout Versions
• Enhanced Replacements for UC2842A Family
• MSOP-8 Package Minimizes Board Space
With Pin-to-Pin Compatibility
• 1 MHz Operation
• Switch Mode Power Supplies
• 50 µA Standby Current, 100 µA Maximum
• DC-to-DC Converters
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
• Board Mount Power Modules
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The UCC28C4x family are high performance current mode PWM controllers. They are enhanced BiCMOS
versions with pin-for-pin compatibility to the industry standard UC284xA family and UC284x family of PWM
controllers. In addition, lower startup voltage versions of 7 V are offered as UCC28C40 and UCC28C41.
Providing necessary features to control fixed frequency, peak current mode power supplies, this family offers
several performance advantages. These devices offer high frequency operation up to 1 MHz with low start up
and operating currents, thus minimizing start up loss and low operating power consumption for improved
efficiency. The devices also feature a fast current sense to output delay time of 35 ns, and a
±1 A peak output
current capability with improved rise and fall times for driving large external MOSFETs directly.
The UCC28C4x family is offered in 8-pin package SOIC (D).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28C45MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C45MDREP TI1-UCC28C45MDREP Datasheet
638Kb / 23P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45MDREP TI1-UCC28C45MDREP Datasheet
646Kb / 24P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UCC28C45MDREP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
BiCMOS Low-Power Current-Mode PWM Controllers
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
Low-Power BiCMOS Current-Mode PWM Controllers
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
Low-Power BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com