Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C45MDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC28C45MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C45MDREP Datasheet(HTML) 5 Page - Texas Instruments

  UCC28C45MDREP Datasheet HTML 1Page - Texas Instruments UCC28C45MDREP Datasheet HTML 2Page - Texas Instruments UCC28C45MDREP Datasheet HTML 3Page - Texas Instruments UCC28C45MDREP Datasheet HTML 4Page - Texas Instruments UCC28C45MDREP Datasheet HTML 5Page - Texas Instruments UCC28C45MDREP Datasheet HTML 6Page - Texas Instruments UCC28C45MDREP Datasheet HTML 7Page - Texas Instruments UCC28C45MDREP Datasheet HTML 8Page - Texas Instruments UCC28C45MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
1
2
3
4
8
7
6
5
COMP
FB
CS
RT/CT
VREF
VDD
OUT
GND
PDIP (P) or SOIC (D) PACKAGE
(TOP VIEW)
Pin Assignments
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
Electrical Characteristics (continued)
V
DD = 15 V, RT = 10 kΩ, CT = 3.3 nF, CVDD = 0.1 µF and no load on the outputs, TA = TJ = –55°C to 125°C for the UCC28C4x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rise tIme
TA = 25°C, CLOAD = 1 nF
25
50
ns
Fall time
TA = 25°C, CLOAD = 1 nF
20
40
ns
Undervoltage Lockout (UVLO)
UCC28C42-EP, UCC28C44-EP
13.5
14.5
15.5
Start threshold
UCC28C43-EP, UCC28C45-EP
7.8
8.4
9
V
UCC28C40-EP, UCC28C41-EP
6.5
7
7.5
UCC28C42-EP, UCC28C44-EP
8
9
10
Minimum operating voltage
UCC28C43-EP, UCC28C45-EP
7
7.6
8.2
V
UCC28C40-EP, UCC28C41-EP
6.1
6.6
7.1
PWM
UCC28C42-EP, UCC28C43-EP,
94
96
Maximum duty cycle
UCC28C40-EP, UCC28C44-EP,
%
47
48
UCC28C45-EP, UCC28C41-EP
Minimum duty cycle
0%
Current Supply
ISTART-UP Start-up current
VDD = UVLO start threshold (–0.5 V)
50
100
µA
IDD
Operating supply current
VFB = VCS = 0 V
2.3
3
mA
COMP: This pin provides the output of the error amplifier for compensation. In addition, the COMP pin is
frequently used as a control port by utilizing a secondary-side error amplifier to send an error signal across the
secondary-primary isolation boundary through an opto-isolator.
CS: The current-sense pin is the noninverting input to the PWM comparator. This is compared to a signal
proportional to the error amplifier output voltage. A voltage ramp can be applied to this pin to run the device with
a voltage mode control configuration.
FB: This pin is the inverting input to the error amplifier. The noninverting input to the error amplifier is internally
trimmed to 2.5 V
± 1%.
GND: Ground return pin for the output driver stage and the logic-level controller section.
OUT: The output of the on-chip drive stage. OUT is intended to directly drive a MOSFET. The OUT pin in the
UCC28C40, UCC28C42, and UCC28C43 is the same frequency as the oscillator, and can operate near 100%
duty cycle. In the UCC28C41, UCC28C44, and the UCC28C45, the frequency of OUT is one-half that of the
oscillator due to an internal T flipflop. This limits the maximum duty cycle to <50%.
RT/CT: Timing resistor and timing capacitor. The timing capacitor should be connected to the device ground
using minimal trace length.
VDD: Power supply pin for the device. This pin should be bypassed with a 0.1
µF capacitor with minimal trace
lengths. Additional capacitance may be needed to provide hold up power to the device during startup.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com