Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C45MDREP Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC28C45MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C45MDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28C45MDREP Datasheet HTML 5Page - Texas Instruments UCC28C45MDREP Datasheet HTML 6Page - Texas Instruments UCC28C45MDREP Datasheet HTML 7Page - Texas Instruments UCC28C45MDREP Datasheet HTML 8Page - Texas Instruments UCC28C45MDREP Datasheet HTML 9Page - Texas Instruments UCC28C45MDREP Datasheet HTML 10Page - Texas Instruments UCC28C45MDREP Datasheet HTML 11Page - Texas Instruments UCC28C45MDREP Datasheet HTML 12Page - Texas Instruments UCC28C45MDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
UDG-01069
8
4
V
REF
R
T
/ C
T
UCC28C42
PWM
R
T
C
T
24
SYNCHRONIZATION
CIRCUIT INPUT
ON .
LOW
LOW
HIGH
ON .
OFF .
CLOCK
INPUT
PWM
OUT
UPPER THRESHOLD
LOWER THRESHOLD
OUTPUT A
COMBINED
UPPER THRESHOLD
LOWER THRESHOLD
V
CT
V
CT (ANALOG)
V
SYNC (DIGITAL)
UDG−01070
Precautions
Circuit Applications
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
Figure 2. Oscillator Synchronization Circuit
Figure 3. Synchronization to an External Clock
The absolute maximum supply voltage is 20 V, including any transients that may be present. If this voltage is
exceeded, device damage is likely. This is in contrast to the predecessor bipolar devices that could survive up to
30 V. Thus, the supply pin should be decoupled as close to the ground pin as possible. Also, since no clamp is
included in the device, the supply pin should be protected from external sources that could exceed the 20 V
level.
Careful layout of the printed board has always been a necessity for high-frequency power supplies. As the
device switching speeds and operating frequencies increase, the layout of the converter becomes increasingly
important.
This 8-pin device has only a single ground for the logic and power connections. This forces the gate drive
current pulses to flow through the same ground that the control circuit uses for reference. Thus, the interconnect
inductance should be minimized as much as possible. One implication is to place the device (gate driver)
circuitry close to the MOSFET it is driving. Note that this can conflict with the need for the error amplifier and the
feedback path to be away from the noise generating components.
Figure 4 shows a typical off-line application.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com