Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MRFE6S9045NR1
3
RF Device Data
Freescale Semiconductor
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical GSM EDGE Performances (In Freescale GSM EDGE Test Fixture Optimized for 920-960 MHz, 50 ohm system) VDD = 28 Vdc,
IDQ = 350 mA, Pout = 16 W Avg., f = 920-960 MHz, GSM EDGE Signal
Power Gain
Gps
—
20
—
dB
Drain Efficiency
ηD
—
46
—
%
Error Vector Magnitude
EVM
—
1.5
—
%
Spectral Regrowth at 400 kHz Offset
SR1
—
-62
—
dBc
Spectral Regrowth at 600 kHz Offset
SR2
—
-78
—
dBc
Typical CW Performances (In Freescale GSM Test Fixture Optimized for 920-960 MHz, 50 ohm system) VDD = 28 Vdc, IDQ = 350 mA,
Pout = 45 W, f = 920-960 MHz
Power Gain
Gps
—
20
—
dB
Drain Efficiency
ηD
—
68
—
%
Input Return Loss
IRL
—
-12
—
dB
Pout @ 1 dB Compression Point
(f = 940 MHz)
P1dB
—
52
—
W
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 350 mA, 865-900 MHz Bandwidth
Video Bandwidth @ 48 W PEP Pout where IM3 = -30 dBc
(Tone Spacing from 100 kHz to VBW)
ΔIMD3 = IMD3 @ VBW frequency - IMD3 @ 100 kHz <1 dBc (both
sidebands)
VBW
—
10
—
MHz
Gain Flatness in 35 MHz Bandwidth @ Pout = 10 W Avg.
GF
—
0.72
—
dB
Gain Variation over Temperature
(-30°C to +85°C)
ΔG
—
0.011
—
dB/°C
Output Power Variation over Temperature
(-30°C to +85°C)
ΔP1dB
—
0.006
—
dBm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com