Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MRFE6S9045NR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
10
−80
−10
7th Order
Pout, OUTPUT POWER (WATTS) PEP
5th Order
3rd Order
−20
−30
−40
1
200
−50
−60
VDD = 28 Vdc, IDQ = 350 mA, f1 = 880 MHz
f2 = 880.1 MHz, Two−Tone Measurements
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
0
IM7−L
TWO−TONE SPACING (MHz)
−10
−20
−30
−40
−50
−60
1
100
VDD = 28 Vdc, Pout = 48 W (PEP), IDQ = 350 mA
Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 880 MHz
Figure 9. Pulsed CW Output Power versus
Input Power
33
56
P6dB = 49.21 dBm (83.36 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 350 mA, Pulsed CW
12
μsec(on), 1% Duty Cycle, f = 880 MHz
54
52
50
46
24
26
25
28
27
31
29
Actual
Ideal
55
51
53
49
30
32
48
47
Figure 10. Single-Carrier N-CDMA ACPR, ALT1, Power
Gain and Drain Efficiency versus Output Power
0
−75
Pout, OUTPUT POWER (WATTS) AVG.
70
−5
50
−25
40
−45
30
−55
10
110
−65
20
ALT1
ηD
Gps
TC = −30_C
ACPR
VDD = 28 Vdc, IDQ = 350 mA
f = 880 MHz, N−CDMA IS−95 Pilot
Sync, Paging, Traffic Codes 8
Through 13
25
_C
100
−70
100
IM5−L
IM5−U
IM3−U
IM3−L
−70
IM7−U
34
P3dB = 48.40 dBm (69.18 W)
P1dB = 47.38 dBm
(54.7 W)
65
60
55
45
35
25
15
5
−20
−30
−35
−40
−50
−60
−70
−30
_C
85
_C
25
_C
−15
−10
85
_C
25
_C
−30
_C
−30
_C
85
_C
25
_C
85
_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com