Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
RF Device Data
Freescale Semiconductor
MRFE6S9045NR1
Figure 1. MRFE6S9045NR1 Test Circuit Schematic
Z10
0.360″ x 0.270″ Microstrip
Z11
0.063″ x 0.270″ Microstrip
Z12
0.360″ x 0.065″ Microstrip
Z13
0.095″ x 0.065″ Microstrip
Z14
0.800″ x 0.065″ Microstrip
Z15
0.260″ x 0.065″ Microstrip
Z16
0.325″ x 0.065″ Microstrip
PCB
Taconic RF-35 0.030″, εr = 3.5
Z1
0.215″ x 0.065″ Microstrip
Z2
0.221″ x 0.065″ Microstrip
Z3
0.500″ x 0.100″ Microstrip
Z4
0.460″ x 0.270″ Microstrip
Z5
0.040″ x 0.270″ Microstrip
Z6
0.280″ x 0.270″ x 0.530″ Taper
Z7
0.087″ x 0.525″ Microstrip
Z8
0.435″ x 0.525″ Microstrip
Z9
0.057″ x 0.525″ Microstrip
R2
VBIAS
VSUPPLY
RF
OUTPUT
RF
INPUT
DUT
C3
L1
Z1
C2
Z2
Z3
C1
Z4
Z5
Z6
Z7
C4
Z8
C6
Z9
Z10
C14
C12
B1
R3
R1
L2
B2
C7
C5
C9
C8
C10
C16
C17
C18
C15
Z11
Z12
Z13
Z15
C11
Z16
+
+
+
+
C13
Z14
Table 6. MRFE6S9045NR1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Ferrite Bead
2743019447
Fair Rite
B2
Ferrite Bead
2743021447
Fair Rite
C1, C7, C10, C14
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C2, C4, C12
0.8-8.0 pF Variable Capacitors, Gigatrim
27291SL
Johanson
C3
15 pF Chip Capacitor
ATC100B150JT500XT
ATC
C5, C6
12 pF Chip Capacitors
ATC100B120JT500XT
ATC
C8, C9
13 pF Chip Capacitors
ATC100B130JT500XT
ATC
C11
7.5 pF Chip Capacitor
ATC100B7R5JT500XT
ATC
C13
0.6-4.5 pF Variable Capacitor, Gigatrim
27271SL
Johanson
C15, C16, C17
10 μF, 35 V Tantalum Capacitors
T491D106K035AT
Kemet
C18
220 μF, 50 V Electrolytic Capacitor
EMVY500ADA221MJA0G
Nippon Chemi-con
L1, L2
12.5 nH Inductors
A04T-5
Coilcraft
R1
1 kΩ, 1/4 W Chip Resistor
CRCW12061001FKEA
Vishay
R2
560 kΩ, 1/4 W Chip Resistor
CRCW120656001FKEA
Vishay
R3
12 Ω, 1/4 W Chip Resistor
CRCW120612R0FKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com