Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 12Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MRFE6S9045NR1
9
RF Device Data
Freescale Semiconductor
N-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 14. Single-Carrier CCDF N-CDMA
10
1
0.1
0.01
0.001
24
6
8
IS−95 CDMA (Pilot, Sync, Paging, Traffic Codes 8
Through 13) 1.2288 MHz Channel Bandwidth
Carriers. ACPR Measured in 30 kHz Bandwidth @
±750 kHz Offset. ALT1 Measured in 30 kHz
Bandwidth @
±1.98 MHz Offset. PAR = 9.8 dB @
0.01% Probability on CCDF.
.................
.......
.................
. ..................
.........
......
.
.....
..
.
..
...
...... .
.
... ..................................
. ..
..
. .
. ...
.
.......
...
...............................
.............
..........
....
. ............................
.............
..
....... ...
....................
. ....
.. .
.. .........
....
.......
...
..............
.
.............
. .................... .
.... .
..
. .
................... .
.. ..
..
. ..
.. ..
.. ....
....
. ..
....... .. ..
. ..
. .
. ...
..........
.......
. .
..
. .
...
..
. .
..
..
....
...
....
...
. ... .
.
..
.........
.. .
..
..
.............
...
......
....
.....
........
...
.................
................
....
. ......
. ....
.
..
. ....
....
....
.. ..
..
.. .
.
...............
.....
... .
. .
.... .
...
............
..................
....
......
. .
.............................. ......
.
..
...................
..........
...........
.............
. .....
....
...................
.....
..
.....
....
...................
.... .......
.. ........
..........
. ...
. .........
....
.
....
..
...
.
..
..
..
...
.
..
..
...
.
. .
....
..
.....
...
.......
......
. .
.. .
....
. ....
...
.......
. .....
.. ..
.............
. .
...
.. ......
.......
.
....
............
.
.
..
.
.
...
.
......
.
.........
...
.
. .
..
.
.........
.
... .
.
.... ..
.
..
..
.
...
........
....
..
.....
..
............
......
....
......
..
..
.
−60
−110
−10
−20
−30
−40
−50
−70
−80
−90
−100
+ACPR in 30 kHz
Integrated BW
1.2288 MHz
Channel BW
2.9
0.7
2.2
1.5
0
−0.7
−1.5
−2.2
−2.9
−3.6
3.6
f, FREQUENCY (MHz)
Figure 15. Single-Carrier N-CDMA Spectrum
−ACPR in 30 kHz
Integrated BW
−ALT1 in 30 kHz
Integrated BW
+ALT1 in 30 kHz
Integrated BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com