Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
Freescale Semiconductor
MRFE6S9045NR1
TYPICAL CHARACTERISTICS
960
15
23
800
−70
50
IRL
Gps
ALT1
ACPR
22
40
21
30
19
−30
18
−40
17
−50
16
−60
940
920
900
880
860
840
820
−15
−10
0
−5
ηD
960
16
23
800
−70
34
IRL
Gps
ALT1
ACPR
22
32
21
30
20
−30
19
−40
18
−50
17
−60
940
920
900
880
860
840
820
−20
−15
f, FREQUENCY (MHz)
Figure 3. Single-Carrier N-CDMA Broadband Performance @ Pout = 10 Watts Avg.
−10
0
−5
f, FREQUENCY (MHz)
Figure 4. Single-Carrier N-CDMA Broadband Performance @ Pout = 20 Watts Avg.
Figure 5. Two-Tone Power Gain versus
Output Power
200
17
24
IDQ = 525 mA
Pout, OUTPUT POWER (WATTS) PEP
22
20
10
23
21
350 mA
1
VDD = 28 Vdc, f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements
175 mA
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−30
−10
1
Pout, OUTPUT POWER (WATTS) PEP
10
−20
200
−60
−40
−50
VDD = 28 Vdc, f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements
20
−20
ηD
VDD = 28 Vdc, Pout = 20 W (Avg.)
IDQ = 350 mA, N−CDMA IS−95 Pilot
Sync, Paging, Traffic Codes 8
Through 13
262.5 mA
437.5 mA
19
18
100
IDQ = 175 mA
350 mA
525 mA
262.5 mA
437.5 mA
100
VDD = 28 Vdc
Pout = 10 W (Avg.) IDQ = 350 mA
N−CDMA IS−95 Pilot Sync, Paging
Traffic Codes 8 Through 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com