Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931ITL/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 24Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 25Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 26Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 27Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 28Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 29Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 30Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 31Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
20
100
1k
20k
FREQUENCY (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10k
200
2k
500
5k
50
20
100
1k
20k
FREQUENCY (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10k
200
2k
500
5k
50
20
20k
FREQUENCY (Hz)
-100
+0
10k
1k
2k
5k
50 100 200 500
-90
-80
-70
-60
-50
-40
-30
-20
-10
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
20
20k
FREQUENCY (Hz)
-100
+0
10k
1k
2k
5k
50 100 200 500
-90
-80
-70
-60
-50
-40
-30
-20
-10
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
20
100
1k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
10k
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
200
2k
20k
500
5k
50k
50
20
100
1k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
10k
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
200
2k
20k
500
5k
50k
50
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
PSRR vs Frequency
PSRR vs Frequency
(AVDD = 5V, RL = 32Ω, Headphone Output, Mode 7)
(AVDD = 3V, RL = 32Ω, Headphone Output, Mode 7)
Figure 44.
Figure 45.
PSRR vs Frequency
PSRR vs Frequency
(AVDD = 5V, RL = 8Ω, Handsfree Output)
(AVDD = 3V, RL = 8Ω, Handsfree Output)
Figure 46.
Figure 47.
THD+N vs Frequency
THD+N vs Frequency
(AVDD = 5V, RL = 8Ω, PO = 400mW, Handsfree Output)
(AVDD = 3V, RL = 32Ω, PO = 200mW, Handsfree Output)
Figure 48.
Figure 49.
28
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com