Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931ITL/NOPB Datasheet(PDF) 36 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 32Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 33Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 34Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 35Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 36Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 37Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 38Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 39Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Table 28. I2S INTERFACE (JP13) (continued)
5
VSS_D
6
VSS_D
7
VSS_D
8
VSS_D
9
VSS_D
10
VSS_D
Table 29. MIC JACK (JP1)
Pin
Function
1
VSS_HP
2
MIC_N
3
MIC_P
Table 30. EXTERNAL MASTER CLOCK INPUT MCLK/XTAL (JP3)
Pin
Function
1
VSS_D
2
MCLK
Table 31. DIGITAL SUPPLY VOLTAGE AND (JP7)
Pin
Function
1
VDD_D
2
VSS_D
Table 32. PLL SUPPLY VOLTAGE AND GND (JP9)
Pin
Function
1
VDD_PLL
2
VSS_PLL
Table 33. ANALOG SUPPLY VOLTAGE AND GND MIC AND HEADPHONE (JP8)
Pin
Function
1
VDD_A
2
VSS_A
Table 34. ANALOG SUPPLY VOLTAGE AND GND FOR LOUDSPEAKER (JP10)
Pin
Function
1
VDD_LS
2
VSS_LS
Table 35. ALTERNATE STEREO HEADPHONE OUTPUT (JP15)
Pin
Function
1
HPR
2
VSS_HP
3
HPL
36
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com