Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931ITL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4931ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
Electrical Characteristics DVDD = 3V, AVDD = 3V, RLHP = 32Ω, RLHF = 8Ω
(1)(2) (continued)
The following specifications apply for the circuit shown in Figure 62, unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical(3
Limits(4)
)
No Load
Mode 2
7.8
19
mA (max)
Mode 3
5.3
10
mA (max)
Mode 4
8.6
15
mA (max)
Analog Power Supply Quiescent
AIDD
Current
Mode 5
8.4
15
mA (max)
Mode 6
6.0
15
mA (max)
Mode 7
9.2
15
mA (max)
Mode 8, 9, 10
10.1
16
mA (max)
Loudspeaker Amplifier
VFS
Full-Scale Output Voltage
8
Ω load, 0dB gain setting
2.6
VP-P
Loudspeaker Amplifier)
THD+N
Total Harmonic Distortion + Noise
fOUT = 1kHz, POUT = 200mW
0.4
%
POLS
Loudspeaker Amplifier Output Power
THD = 1% (max), fOUT = 1kHz
470
350
mW (min)
CB = 1.0μF
Power Supply Rejection Ratio
PSRR
VRIPPLE = 200mVP-P
54
dB
(Loudspeaker Amplifier)
fRIPPLE = 217Hz
SNR (Voice)
Signal-to-Noise Ratio of Voice
Signal = VO at 0dBFS, f = 1kHz,
Channel (Loudspeaker Amplifier)
Noise = digital zero, A-weighted,
0dB gain setting(6)
fMCLK = 12.288MHz, PLL disabled
71
dB
fMCLK = 12MHz, PLL active
70
dB
Signal = VO at 0dBFS, f = 1kHz,
Noise = digital zero, A-weighted,
Signal-to-Noise Ratio of Music
0dB gain setting(6)
SNR (Music)
Channel (Loudspeaker Amplifier)
Output Noise
fMCLK = 12.288MHz, PLL disabled
78
dB
fMCLK = 12MHz, PLL active
76
dB
A-weighted filter, Vin = digital zero
(7)
eN (Music)
Output Noise
fMCLK = 12.288MHz, PLL disabled
120
μV
fMCLK = 12MHz, PLL active
140
μV
VOS
Offset Voltage
10
mV
Minimum Gain
–34.5
dB
Volume Control Range (Loudspeaker
VCR
Amplifier)
Maximum Gain
12
dB
SS
Volume Control Step Size
1.5
dB
(Loudspeaker Amplifier)
Headphone Amplifier
VFS
Full Scale Ouput Voltage
32
Ω load, 0dB gain setting
2.6
VP-P
(Headphone Amplifier)
THD+N
Total Harmonic Distortion + Noise
fIN = 1kHz, POUT = 7.5mW,
0.04
%
(Headphone Amplifier)
32
Ω stereo load
POHP
Output Power (Headphone Amplifier)
THD = 0.5%, fOUT = 1KHz
26
19
mW (min)
PSRR
Power Supply Rejection Ratio
CB = 1.0μF
62
dB
(Headphone Amplifier)
VRIPPLE = 200mVPP
fRIPPLE = 217Hz
(6)
Disabling or bypassing the PLL will result in an improvement in noise measurements.
(7)
Disabling or bypassing the PLL will result in an improvement in noise measurements.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com