Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931ITL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics DVDD = 3V, AVDD = 3V, RLHP = 32Ω, RLHF = 8Ω
(1)(2) (continued)
The following specifications apply for the circuit shown in Figure 62, unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical(3
Limits(4)
)
Signal = VO at 0dBFS, f = 1kHz and 1%
THD+N,
Noise = digital zero, A-weighted,
Signal-to-Noise Ratio of Voice
SNR (Voice)
0dB gain setting(7)
Channel (Headphone Amplifier)
fMCLK = 12.288MHz, PLL disabled
75
dB
fMCLK = 12MHz, PLL active
73
dB
Signal = VO at 0dBFS, f = 1kHz and 1%
THD+N,
Noise = digital zero, A-weighted,
Signal-to-Noise Ratio of Music
SNR (Music)
0dB gain setting(7)
Channel (Headphone Amplifier)
fMCLK = 12.288MHz, PLL disabled
86
dB
fMCLK = 12MHz, PLL active
82
dB
XTALK
Stereo Channel-to-Channel Crosstalk
fS = 48kHz,
62
dB
fIN = 1kHz sinewave at –3dBFS
ΔACH-CH
Stereo Channel-to-Channel Gain
0.3
dB
Mismatch
A-weighted filter,
Vin = digital zero(7)
eN (Music)
Output Noise
fMCLK = 12.288MHz, PLL disabled
45
μV
fMCLK = 12MHz, PLL active
65
μV
Minimum Gain
–46.5
dB
Volume Control Range (Headphone
VCR
Amplifier)
Maximum Gain
0
dB
SS
Volume Control Stepsize (Headphone
1.5
dB
Amplifier)
Microphone Amplifier
VBIAS
Mic Bias Voltage
2
V
Minimum Gain
6
dB
Gain Control Range (Microphone
GCR
Amplifier)
Maximum Gain
36
dB
SS
Gain Control Stepsize (Microphone
2
dB
Amplifier)
Voice Codec (Typical numbers are with 1.024MHz voice clock and 8kHz sampling frequency)
RVDAC
Voice DAC Ripple
300Hz-3.3kHz through headphone output.
+/- 0.15
dB
RVADC
Voice ADC Ripple
300Hz-3.3kHz through headphone output.
+/- 0.25
dB
PBVDAC
Voice DAC Passband
–3dB Point
3.46
kHz
SBAVDAC
Voice DAC Stopband Attenuation
Above 4kHz
72
dB
UPBVDAC
Upper Passband Cutoff Frequency
Upper – 3dB Point
3.47
kHz
LPBVDAC
Lower Passband Cutoff Frequency
Lower – 3dB Point
0.230
kHz
SBAVADC
Voice ADC Stopband Attenuation
Above 4kHz
65
dB
SBANOTCH
Voice ADC Notch Attenuation
Centered on 55Hz, figure gives worst case
58
dB
attenuation for 50Hz & 60Hz
Signal = VO at 0dBFS, f = 1kHz and 1%
THD+N,
MIC_P, MIC_N Terminated to ground,
Signal-to-Noice Ratio of Voice
SNR (Voice)
A-weighted, 36dB MIC Preamp gain setting(8)
Channel (Voice ADC path)
fMCLK = 12.288MHz, PLL disabled
81
dB
fMCLK = 12MHz, PLL active
80
dB
Minimum Gain
–30
dB
STR
Side Tone Range
Maximum Gain
0
dB
(8)
Disabling or bypassing the PLL will result in an improvement in noise measurements.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com