Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931ITL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 12Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 13Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 14Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Start
Condition
Stop
Condition
Data
ACK
SDA
SCL
TI2CSET
TI2CHOLD
TI2CSET
TI2CSET
ACK
ACK
Data
ACK
P
S
6 - 0
7 - 1
0
7 - 1
0
R/W
Host
Address
Start
Condition
SDA
SCL
Register
Address
Stop
Condition
ENB
SCK
SDI
TSPISETENB
TSPIHOLDD
TSPISETD
TSPICH
TSPIT
TSPICL
TSPIHOLDENB
Register Address
Data
ENB
SCK
SDI
7
0
7
0
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
System Control
The LM4931 is controlled via either a three wire SPI or a two wire I2C compatible interface, selectable with the
MODE pin When MODE is cleared the device is in I2C mode, when MODE is set the device is in SPI mode. This
interface is used to configure the operating mode, interfaces, data converters, mixers and amplifiers. The
LM4931 is controlled by writing 8 bit data into a series of write-only registers, the device is always a slave for
both type of interfaces.
THREE WIRE, SPI INTERFACE (MODE = 1)
Figure 3.
When the part is configured as an SPI device and the enable (ENB) line is lowered the serial data on SDI is
clocked in on the rising edge of the SCK line. The protocol used is 16bit, MSB first. The upper 8 bits (15:8) are
used to select an address within the device, the lower 8 bits (7:0) contain the updated data for this register.
TWO WIRE I2C COMPATIBLE INTERFACE (MODE = 0)
Figure 4.
When the part is configured as an I2C device then the LM4931 will respond to one of two addresses, according
to the ADDR input. If ADDR is low then the address portion of the I2C transaction should be set to write to
0010000. When ADDR is high then the address input should be set to write to 1110000. The LM4931 uses the
following 11 registers to store configuration information:
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com