Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8333GGR8AXS/NOPB Datasheet HTML 3Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 4Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 5Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 6Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 7Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 8Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 9Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 10Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LM8333
www.ti.com
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
Interrupt Sources
The IRQ output is asserted on these conditions:
•
Any new key-event.
•
Any error condition, which is indicated by the error code.
•
Any enabled interrupt on either of the GEN_IO_0 or GEN_IO_1 pins that can be configured as external
interrupt inputs. When enabled, any rising or falling edge triggers an interrupt.
The IRQ output remains asserted until the interrupt code is read.
Device Operation
EVENT CODE ASSIGNMENT
After power-on reset, the LM8333 starts scanning the keypad. It stays active for a default time of about 500 ms
after the last key is released, after which it enters a standby mode to minimize power consumption (<2 µA
standby current).
Table 1 lists the codes assigned to the matrix positions encoded by the hardware. Key-press events are
assigned the codes listed in Table 1, but with the MSB set. When a key is released, the MSB of the code is
clear.
Table 1. Keypad Matrix Code Assignments
K_OUT0
K_OUT1
K_OUT2
K_OUT3
K_OUT4
K_OUT5
K_OUT6
K_OUT7
SF Keys
WAKE_IN0
0x01
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
WAKE_IN1
0x11
0x12
0x13
0x14
0x15
0x16
0x17
0x18
0x19
WAKE_IN2
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x29
WAKE_IN3
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x39
WAKE_IN4
0x41
0x42
0x43
0x44
0x45
0x46
0x47
0x48
0x49
WAKE_IN5
0x51
0x52
0x53
0x54
0x55
0x56
0x57
0x58
0x59
WAKE_IN6
0x61
0x62
0x63
0x64
0x65
0x66
0x67
0x68
0x69
WAKE_IN7
0x71
0x72
0x73
0x74
0x75
0x76
0x77
0x78
0x79
The codes are loaded into the FIFO buffer in the order in which they occurred. Table 2 shows an example
sequence of events, and Figure 4 shows the resulting sequence of event codes loaded into the FIFO buffer.
Table 2. Example Sequence of Events
Event Number
Event Code
Event on Input
Matrix Node
Description
1
0xF1
Wake_INP7
K_OUT0
Key is pressed
2
0xB6
Wake_INP3
K_OUT5
Key is pressed
3
0x71
Wake_INP7
K_OUT0
Key is released
4
0x36
Wake_INP3
K_OUT5
Key is released
5
0xB4
Wake_INP3
K_OUT3
Key is pressed
6
0x34
Wake_INP3
K_OUT3
Key is released33
7
0x91
Wake_INP1
K_OUT0
Key is pressed
8
0x00
NA
NA
Indicates end of stored events
Figure 4. Example Event Codes Loaded in FIFO Buffer
I/O EXPANSION
In addition to keypad scanning, the LM8333 supports various I/O expansion options.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com