Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM8333GGR8AXS/NOPB Datasheet HTML 1Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 2Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 3Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 4Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 5Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 6Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 7Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 8Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM8333
www.ti.com
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and
ACCESS.bus Host Interface
Check for Samples: LM8333
1
FEATURES
DESCRIPTION
The LM8333 Mobile I/O Companion offloads the
2
•
8 × 8 Standard Keys
burden of keyboard scanning from the host, while
•
8 Special Function Keys (SF Keys) Providing a
providing extremely low power consumption in both
Total of 72 Keys for the Maximum Keyboard
operational and standby modes. It supports keypad
Matrix
matrices up to 8 × 8 in size (plus another 8 special-
function keys), for portable applications such as
•
ACCESS.Bus (I2C-compatible) Communication
cellphones,
PDAs,
games,
and
other
handheld
Interface to the Host
applications.
•
Four General Purpose Host Programmable I/O
Pins with Two Optional (Slow) External
Key press and release events are encoded into a
byte format and loaded into a FIFO buffer for retrieval
Interrupts
by the host processor. An interrupt output (IRQ) is
•
15-byte FIFO Buffer to Store Key Pressed and
used to signal events such as keypad activity, a state
Key Released Events
change on either of two interrupt-capable general-
•
Error Control with Error Reports on (FIFO
purpose I/O pins, or an error condition. Interrupt and
Overrun, Keypad Overrun, Invalid Command)
error codes are available to the host by reading
dedicated registers.
•
Host Programmable PWM
•
Host Programmable Active Time and
Four general-purpose I/O pins are available, two of
which
have
interrupt
capability.
A
pulse-width
Debounce Time
modulated output based on a host-programmable
internal timer is also available, which can be used as
APPLICATIONS
a general-purpose output if the PWM function is not
•
Mobile Phones
required.
•
Personal Digital Assistants (PDAs)
To minimize power, the LM8333 automatically enters
•
Smart Handheld Devices
a low-power standby mode when there is no keypad,
I/O, or host activity.
•
Personal Media Players
The device is packaged in a 32–pin WQFN and a
49-pin csBGA. Both are chip-scale packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM8333GGR8AXS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8333GGR8AXS/NOPB TI1-LM8333GGR8AXS/NOPB Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
More results

Similar Description - LM8333GGR8AXS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333_14 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com