Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM8333GGR8AXS/NOPB Datasheet HTML 4Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 5Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 6Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 7Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 8Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 9Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 10Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 11Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LM8333
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
PWM Output with Programmable Duty Cycle
The PWM pin may be used either as a pulse-width modulated output driven by a 16-bit timer or as a general-
purpose output pin. In the PWM mode, the low time (TLO) and high time (THI) are programmable between 1 × tC
and 65K × tC cycles in which tC is the cycle time (nominally 1 microsecond), as shown in Figure 5. The period
TPD is the sum of THI and TLO. The PWM_LO command writes TLO, and the PWM_HI command writes THI.
Operational modes of the PWM pin are controlled by the PWM_CTL command. Before activating the PWM
output, the TLO and THI times must be initialized. Figure 6 shows the command formats.
Figure 5. Programmable PWM
Figure 6. PWM Control Commands for Arbitrary Duty Cycle
Table 3. Summary of PWM Control Bits
OUT_DIR Bit
PWM_DIR Bit
MOD BIT
Description
0
1
0
Drive output low
1
1
0
Drive output high
0
0
0
TRI-STATE® mode
X
X
1
PWM timer output
General-Purpose I/O (GPIO)
Figure 7 shows the commands to write, read and control the general-purpose I/O port pins, GEN_IO_0,
GEN_IO_1, GEN_IO_2, and GEN_IO_3.
All general-purpose I/O pins can be programmed as inputs or outputs as shown in Table 4. The GEN_IO_0 and
GEN_IO_1 pins provide an additional capability for programmable wake-up.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com