Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6574MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
7.3 Device Functional Modes
7.3.1 SD vs EN
The LMH6574 has both shutdown and disable capability. The shutdown feature affects the entire chip, whereas
the disable function only affects the output buffer. When in shutdown mode, minimal power is consumed. The
shutdown function is very fast, but causes a very brief spike of about 400 mV to appear on the output. When in
shutdown mode the LMH6574 consumes only 1.8 mA of supply current. For maximum input to output isolation
use the shutdown function.
The EN pin only disables the output buffer which results in a substantially reduced output glitch of only 50 mV.
While disabled the chip consumes 4.7 mA, considerably more than when shutdown. This is because the input
buffers are still active. For minimal output glitch use the EN pin. Also, care should be taken to ensure that, while
in the disabled state, the voltage differential between the active input buffer (the one selected by pins A0 and A1)
and the output pin stays less than 2V. As the voltage differential increases, input to output isolation decreases.
Normally this is not an issue. See Multiplexer Expansion for further details.
To reduce the output glitch when using the SD pin, switch the EN pin at least 10 ns before switching the SD pin.
This can be accomplished by using an RC delay circuit between the two pins if only one control signal is
available.
Logic inputs "SD" and "EN" will revert to the "High", while "A0" and "A1" will revert to the "Low" state when left
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com