Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6574MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Application Information (continued)
In such an application, the output settling may be longer than the LMH6574 switching specifications (~20ns),
while switching between two separate LMH6574 devices. The switching time limiting factor occurs when one
LMH6574 is turned off and another one is turned on, using the SD (shutdown) pin. The output settling time
consists of the time needed for the first LMH6574 to enter high impedance state plus the time required for the
second LMH6574 output to dissipate the left-over output charge of the first device (limited by the output current
capability of the second device) and the time needed to settle to the final voltage value.
While Figure 31 MUX expansion benefits from more isolation, originating from the parasitic loading of the un-
selected channels on the selected channel, afforded by individual ROUT on each multiplexer output, this
configuration does not produce the fastest transition between individual LMH6574 devices. For the fastest
transition, the configuration of Figure 32 can be used where the LMH6574 output pins are all shorted together.
Figure 32. Alternate 8:1 MUX Expansion Schematic (for Faster SD Switching)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com