Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6574MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensure of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Application and Implementation for information on temperature de-rating of this
device. Min/Max ratings are based on product testing, characterization and simulation. Individual parameters are tested as noted.
(2)
Positive Value is current into device.
6.6 Electrical Characteristics ±3.3 V
VS = ±3.3 V, RL = 100 Ω, AV = 2 V/V, RF = 575 Ω; unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
FREQUENCY DOMAIN PERFORMANCE
SSBW
−3 dB Bandwidth
VOUT = 0.5 VPP
475
MHz
LSBW
−3 dB Bandwidth
VOUT = 2.0 VPP
375
MHz
0.1 dBBW
0.1 dB Bandwidth
VOUT = 0.5 VPP
100
MHz
GFP
Peaking
DC to 200 MHz
0.4
dB
XTLK
Channel to Channel Crosstalk
All Hostile, f = 5 MHz
−85
dBc
TIME DOMAIN RESPONSE
TRL
Rise and Fall Time
2-V Step
2
ns
TSS
Settling Time to 0.05%
2-V Step
20
ns
OS
Overshoot
2-V Step
5%
SR
Slew Rate
2-V Step
1400
V/μs
DISTORTION
HD2
2nd Harmonic Distortion
2 VPP, 10 MHz
−67
dBc
HD3
3rd Harmonic Distortion
2 VPP, 10 MHz
−87
dBc
STATIC, DC PERFORMANCE
VIO
Input Offset Voltage
VIN = 0 V
-5
mV
IBN
Input Bias Current(2)
VIN = 0 V
-3
μA
PSRR
Power Supply Rejection Ratio
DC, Input Referred
49
dB
ICC
Supply Current
No Load
12
mA
VIH
Logic High Threshold
Select & Enable Pins (SD & EN)
1.3
V
VIL
Logic Low Threshold
Select & Enable Pins (SD & EN)
0.4
V
MISCELLANEOUS PERFORMANCE
RIN+
Input Resistance
5
k
Ω
CIN
Input Capacitance
0.8
pF
ROUT
Output Resistance
0.06
Ω
VO
Output Voltage Range
No Load
±2
V
VOL
RL = 100 Ω
±1.8
V
CMIR
Input Voltage Range
±1.2
V
IO
Linear Output Current
VIN = 0 V
±60
mA
ISC
Short Circuit Current
VIN = ±1 V, Output Shorted to Ground
±150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com