Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6574MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
LMH6574
www.ti.com
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMH6574 is a high-speed 4:1 analog multiplexer, optimized for very high speed and low distortion. With
selectable gain and excellent AC performance, the LMH6574 is ideally suited for switching high resolution,
presentation grade video signals. The LMH6574 has no internal ground reference. Single or split supply
configurations are both possible. The LMH6574 features very high speed channel switching and disable times.
When disabled the LMH6574 output is high impedance making MUX expansion possible by combining multiple
devices. See Multiplexer Expansion.
8.1.1 Multiplexer Expansion
It is possible to use multiple LMH6574 devices to expand the number of inputs that can be selected for output.
Figure 31 shows an 8:1 MUX using two LMH6574 devices.
Figure 31. 8:1 MUX Using Two LMH6574 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com