Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6574MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
0.01
0.1
1
10
100
FREQUENCY (MHz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
SELECTED INPUT TO OUTPUT
VIN = 2 VPP
DISABLE
SHUTDOWN
-30
0.01
1
1000
FREQUENCY (MHz)
-110
-80
100
10
0.1
-50
-60
-90
-100
-70
-40
UNSELECTED INPUT TO
OUTPUT, VS = ±5V
12
LMH6574
SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LMH6574
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = ±5 V, RL = 100 Ω, AV = 2, RF = RG = 575 Ω, unless otherwise specified.
Figure 25. Crosstalk vs Frequency
Figure 26. Off Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com